Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C17AWI-20T Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT28C17AWI-20T
Description  16 kb CMOS Parallel EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C17AWI-20T Datasheet(HTML) 1 Page - ON Semiconductor

  CAT28C17AWI-20T Datasheet HTML 1Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 2Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 3Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 4Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 5Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 6Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 7Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 8Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. 4
1
Publication Order Number:
CAT28C17A/D
CAT28C17A
16 kb CMOS Parallel
EEPROM
Description
The CAT28C17A is a fast, low power, 5 V−only CMOS Parallel
EEPROM organized as 2K x 8−bits. It requires a simple interface for
in−system programming. On−chip address and data latches, self−timed
write cycle with auto−clear and VCC power up/down write protection
eliminate additional timing and protection hardware. DATA Polling and
a RDY/BSY pin signal the start and end of the self−timed write cycle.
Additionally, the CAT28C17A features hardware write protection.
The CAT28C17A is manufactured using ON Semiconductor’s
advanced CMOS floating gate technology. It is designed to endure
10,000 program/erase cycles and has a data retention of 10 years. The
device is available in JEDEC approved 28−pin DIP and SOIC or
32−pin PLCC packages.
Features
Fast Read Access Times: 200 ns
Low Power CMOS Dissipation:
– Active: 25 mA Max.
– Standby: 100
mA Max.
Simple Write Operation:
– On−chip Address and Data Latches
– Self−timed Write Cycle with Auto−clear
Fast Write Cycle Time: 10 ms Max
End of Write Detection:
− DATA Polling
− RDY/BSY Pin
Hardware Write Protection
CMOS and TTL Compatible I/O
10,000 Program/Erase Cycles
10 Year Data Retention
Commercial, Industrial and Automotive Temperature Ranges
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
PDIP−28
P, L SUFFIX
CASE 646AE
PLCC−32
N, G SUFFIX
CASE 776AK
Address Inputs
A0−A10
Data Inputs/Outputs
I/O0−I/O7
Chip Enable
CE
Output Enable
OE
Write Enable
WE
5 V Supply
VCC
Function
Pin Name
PIN FUNCTION
SOIC−28
J, K, W, X SUFFIX
CASE 751BM
Ground
VSS
No Connect
NC
Ready/BUSY Status
RDY/BUSY


Similar Part No. - CAT28C17AWI-20T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
512Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
CAT28C17AJ-20T CATALYST-CAT28C17AJ-20T Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C17AJA-20T CATALYST-CAT28C17AJA-20T Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C17AJI-20T CATALYST-CAT28C17AJI-20T Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
More results

Similar Description - CAT28C17AWI-20T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C16AXI90 ONSEMI-CAT28C16AXI90 Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16ALI12 ONSEMI-CAT28C16ALI12 Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16AL20 ONSEMI-CAT28C16AL20 Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAT28LV65 ONSEMI-CAT28LV65 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64T13I-15 ONSEMI-CAT28LV64T13I-15 Datasheet
144Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64 ONSEMI-CAT28LV64 Datasheet
157Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT24C164WI-G ONSEMI-CAT24C164WI-G Datasheet
147Kb / 14P
   16 kb CMOS Serial EEPROM, Cascadable
October, 2009 ??Rev. 2
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com