Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C16AKI-90T Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT28C16AKI-90T
Description  16 kb CMOS Parallel EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C16AKI-90T Datasheet(HTML) 4 Page - ON Semiconductor

  CAT28C16AKI-90T Datasheet HTML 1Page - ON Semiconductor CAT28C16AKI-90T Datasheet HTML 2Page - ON Semiconductor CAT28C16AKI-90T Datasheet HTML 3Page - ON Semiconductor CAT28C16AKI-90T Datasheet HTML 4Page - ON Semiconductor CAT28C16AKI-90T Datasheet HTML 5Page - ON Semiconductor CAT28C16AKI-90T Datasheet HTML 6Page - ON Semiconductor CAT28C16AKI-90T Datasheet HTML 7Page - ON Semiconductor CAT28C16AKI-90T Datasheet HTML 8Page - ON Semiconductor CAT28C16AKI-90T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT28C16A
http://onsemi.com
4
Figure 2. A.C. Testing Input/Output Waveform (Note 11)
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.8 V
2.4 V
0.45 V
11. Input rise and fall times (10% and 90%) < 10 ns.
Figure 3. A.C. Testing Load Circuit (example)
1.3V
DEVICE
UNDER
TEST
1N914
3.3K
OUT
CL = 100 pF
CL INCLUDES JIG CAPACITANCE
Table 7. A.C. CHARACTERISTICS, WRITE CYCLE (VCC = 5 V ±10%, unless otherwise specified.)
Symbol
Parameter
28C16A−90
28C16A−12
28C16A−20
Units
Min
Max
Min
Max
Min
Max
tWC
Write Cycle Time
5
5
10
ms
tAS
Address Setup Time
0
0
10
ns
tAH
Address Hold Time
100
100
100
ns
tCS
CE Setup Time
0
0
0
ns
tCH
CE Hold Time
0
0
0
ns
tCW (Note 12)
CE Pulse Time
110
110
150
ns
tOES
OE Setup Time
0
0
15
ns
tOEH
OE Hold Time
0
0
15
ns
tWP (Note 12)
WE Pulse Width
110
110
150
ns
tDS
Data Setup Time
60
60
50
ns
tDH
Data Hold Time
0
0
10
ns
tDL
Data Latch Time
5
10
5
10
50
ns
tINIT (Note 13)
Write Inhibit Period After Power−up
0.05
100
0.05
100
5
20
ms
12.A write pulse of less than 20 ns duration will not initiate a write cycle.
13.This parameter is tested initially and after a design or process change that affects the parameter.


Similar Part No. - CAT28C16AKI-90T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C16AKI-90T ONSEMI-CAT28C16AKI-90T Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
More results

Similar Description - CAT28C16AKI-90T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C16AXI90 ONSEMI-CAT28C16AXI90 Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16ALI12 ONSEMI-CAT28C16ALI12 Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C17A ONSEMI-CAT28C17A Datasheet
140Kb / 12P
   16 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 4
CAT28C16AL20 ONSEMI-CAT28C16AL20 Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAT28LV65 ONSEMI-CAT28LV65 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64T13I-15 ONSEMI-CAT28LV64T13I-15 Datasheet
144Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64 ONSEMI-CAT28LV64 Datasheet
157Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT24C164WI-G ONSEMI-CAT24C164WI-G Datasheet
147Kb / 14P
   16 kb CMOS Serial EEPROM, Cascadable
October, 2009 ??Rev. 2
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com