Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C16A Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT28C16A
Description  16 kb CMOS Parallel EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C16A Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT28C16A Datasheet HTML 2Page - ON Semiconductor CAT28C16A Datasheet HTML 3Page - ON Semiconductor CAT28C16A Datasheet HTML 4Page - ON Semiconductor CAT28C16A Datasheet HTML 5Page - ON Semiconductor CAT28C16A Datasheet HTML 6Page - ON Semiconductor CAT28C16A Datasheet HTML 7Page - ON Semiconductor CAT28C16A Datasheet HTML 8Page - ON Semiconductor CAT28C16A Datasheet HTML 9Page - ON Semiconductor CAT28C16A Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CAT28C16A
http://onsemi.com
9
PACKAGE DIMENSIONS
PDIP−24, 600 mils
CASE 646AD−01
ISSUE A
E1
D
eb
b1
eB
c
SIDE VIEW
TOP VIEW
END VIEW
Notes:
(1) All dimensions are in millimeters.
(2) Complies with JEDEC MS-011.
A2
A
A1
L
E
SYMBOL
MIN
NOM
MAX
A
A1
A2
b
b1
c
D
e
E1
L
0.39
3.18
0.36
12.32
0.77
0.21
31.50
2.54 BSC
6.35
4.95
0.55
14.73
1.77
0.38
32.25
eB
15.24
17.78
E
15.24
15.87
2.93
5.08


Similar Part No. - CAT28C16A

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
417Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C16A ONSEMI-CAT28C16A Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16AG-12T ONSEMI-CAT28C16AG-12T Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
More results

Similar Description - CAT28C16A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C16AXI90 ONSEMI-CAT28C16AXI90 Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16ALI12 ONSEMI-CAT28C16ALI12 Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C17A ONSEMI-CAT28C17A Datasheet
140Kb / 12P
   16 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 4
CAT28C16AL20 ONSEMI-CAT28C16AL20 Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAT28LV65 ONSEMI-CAT28LV65 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64T13I-15 ONSEMI-CAT28LV64T13I-15 Datasheet
144Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64 ONSEMI-CAT28LV64 Datasheet
157Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT24C164WI-G ONSEMI-CAT24C164WI-G Datasheet
147Kb / 14P
   16 kb CMOS Serial EEPROM, Cascadable
October, 2009 ??Rev. 2
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com