Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4N29 Datasheet(PDF) 1 Page - QT Optoelectronics

Part No. 4N29
Description  GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

4N29 Datasheet(HTML) 1 Page - QT Optoelectronics

  4N29 Datasheet HTML 1Page - QT Optoelectronics 4N29 Datasheet HTML 2Page - QT Optoelectronics 4N29 Datasheet HTML 3Page - QT Optoelectronics 4N29 Datasheet HTML 4Page - QT Optoelectronics 4N29 Datasheet HTML 5Page - QT Optoelectronics 4N29 Datasheet HTML 6Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DESCRIPTION
The 4N29, 4N30, 4N31, 4N32, 4N33 have a gallium
arsenide infrared emitter optically coupled to a silicon
planar photodarlington.
GENERAL PURPOSE 6-PIN
PHOTODARLINGTON OPTOCOUPLERS
4N29
4N30
4N31
4N32
4N33
APPLICATIONS
• Low power logic circuits
• Telecommunications equipment
• Portable electronics
• Solid state relays
• Interfacing coupling systems of different potentials and impedances.
Parameter
Symbol
Value
Units
TOTAL DEVICE
TSTG
-55 to +150
°C
Storage Temperature
Operating Temperature
TOPR
-55 to +100
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
Total Device Power Dissipation @ TA = 25°C
PD
250
mW
Derate above 25°C
3.3
mW/°C
EMITTER
IF
80
mA
Continuous Forward Current
Reverse Voltage
VR
3V
Forward Current - Peak (300 µs, 2% Duty Cycle)
IF(pk)
3.0
A
LED Power Dissipation @ TA = 25°C
PD
150
mW
Derate above 25°C
2.0
mW/°C
DETECTOR
BVCEO
30
V
Collector-Emitter Breakdown Voltage
Collector-Base Breakdown Voltage
BVCBO
30
V
Emitter-Collector Breakdown Voltage
BVECO
5V
Detector Power Dissipation @ TA = 25°C
PD
150
mW
Derate above 25°C
2.0
mW/°C
Continuous Collector Current
IC
150
mA
4/25/00
200038B
FEATURES
• High sensitivity to low input drive current
• Meets or exceeds all JEDEC Registered Specifications
• VDE 0884 approval available as a test option
-add option .300. (e.g., 4N29.300)
EMITTER
COLLECTOR
1
2
3
ANODE
CATHODE
4
5
6 BASE
N/C
SCHEMATIC
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C Unless otherwise specified.)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
4N29 GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
MOC8204 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
TIL111 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
TIL111M GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
M5201L GENERAL PURPOSE SWITCHING OPERATIONAL AMPLIFIER DUAL INPUT SINGLE OUTPUT TYPE   1  2  3  4  5  More Mitsubishi Electric Semiconductor
DSP56001 24-Bit General Purpose Digital Signal Processor 1  2  3  4  5  More Motorola, Inc
MPS2907 General Purpose Transistors 1  2  3  4  5  More Motorola, Inc
UPC1676G GENERAL PURPOSE WIDE BNAD AMPLIFIER 1  2  3  4  5  More NEC

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn