Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBMF1608T1R0M Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # CBMF1608T1R0M
Description  WOUND CHIP INDUCTORS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CBMF1608T1R0M Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  CBMF1608T1R0M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc CBMF1608T1R0M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc CBMF1608T1R0M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc CBMF1608T1R0M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc CBMF1608T1R0M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc CBMF1608T1R0M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CBMF1608T1R0M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CBMF1608T1R0M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CBMF1608T1R0M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
42
1
wound01_e-01
FEATURES
ORDERING CODE
EXTERNAL DIMENSIONS/STANDARD QUANTITY
AVAILABLE CAPACITANCE RANGE
APPLICATIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Surface Mounting
・ Mounting and soldering con-
ditions should be checked
beforehand.
・ Applicable soldering process
to those products is reflow
soldering only.
・ Recommended Land Patterns
EXTERNAL DIMENSIONS
Wound Chip Inductors cover customers' wide range module designs by
wide-line-up shape, standard, low Rdc, and high electric current series.
LB/LBR Series:Super low Rdc and high Idc characteristics.
LB3218 Series : This series is downsized from 3225 size. Land pat-
tern can be used by 3225 size.
LBMF1608
The best efficiency design is achieved by adopting bottom-surface elec-
trode structure. Because of 1608 shape, it can be high-density mounting.
DSC/DVC/HDD, LCD, portable telephones, game equipments.
Various audio-visual equipments, various communication equipments,
etc.
WOUND CHIP INDUCTORS (LB SERIES)
L B △ 2
0
1
2
T
1
0
0 △ △ △ △ △
Type
L
W
T
e
Standard Quantity [pcs]
Paper
Tape
Embossed
Tape
LBC3225
3.2±0.2
(0.128±0.008)
2.5±0.2
(0.098±0.008)
2.5±0.2
(0.098±0.008)
0.6±0.3
(0.024±0.012)
1000
LB3218
3.2±0.2
(0.128±0.008)
1.8±0.2
(0.071±0.008)
1.8±0.2
(0.071±0.008)
0.6±0.2
(0.024±0.008)
2000
LB2518
LBC2518
LBR2518
2.5±0.2
(0.098±0.008)
1.8±0.2
(0.071±0.008)
1.8±0.2
(0.071±0.008)
0.5±0.2
(0.020±0.008)
2000
LB2016
LBC2016
2.0±0.2
(0.079±0.008)
1.6±0.2
(0.063±0.008)
1.6±0.2
(0.063±0.008)
0.5±0.2
(0.020±0.008)
2000
LB2012
LBC2012
LBR2012
2.0±0.2
(0.079±0.008)
1.25±0.2
(0.049±0.008)
1.25±0.2
(0.049±0.008)
0.5±0.2
(0.020±0.008)
2000
LB1608
1.6±0.1
(0.063±0.004)
0.8±0.1
(0.031±0.004)
0.8±0.1
(0.031±0.004)
0.35±0.15
(0.014±0.006)
4000
LBMF1608
1.6±0.2
(0.063±0.008)
0.8±0.2
(0.031±0.008)
0.8±0.2
(0.031±0.008)
0.45±0.15
(0.016±0.006)
3000
Unit:mm(inch)
Type
LB
Wound chip inductor
Internal code
△△△ Standard
Products
△=Blank space
Special
code
△ Standard
products
R
Low Rdc
type
External Dimensions
〔mm〕
1608(0603) 1.6×0.8
2012(0805) 2.0×1.25
2016(0806) 2.0×1.6
2518(1007) 2.5×1.8
3218(1207) 3.2×1.8
3225(1210) 3.2×1.5
Nominal
Inductance〔μH〕
example
1R0
1
100
10
101
100
※R=decimal point
Shape
Standard products
C
High current
R
Low Rdc
MF
Bottom-surface
electrode
Inductance
Tolerances〔%〕
K
±10
M
±20
Packaging
T
Tape & Reel
Unit:mm
TYPE
A
B
C
1608
0.55
0.7
1.0
MF1608
0.55
0.8
0.9
2012
0.7
0.8
1.45
2016
0.7
0.8
1.8
2518
0.8
1.2
2.0
3218
1.0
1.6
2.0
3225
1.0
1.6
2.0
A
A
C
B
REFLOW
Range
Type
LB3218
LB2518
LB2016
LB2012
LB1608
LBC3225
LBC2518
LBC2016
LBC2012
LBR2518
LBR2012
LBMF1608
1
Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω]
1075 1μH 0.06 665 1μH 0.06 490 1μH 0.09 405 1μH 0.15 160 1μH 0.17 1100 1μH 0.055 775 1μH 0.08 690 1μH 0.1 620 1μH 0.19 960 1μH 0.045 400 1μH 0.07 230 1μH 0.09
10
340
0.25 165
0.25 155
0.5 120
0.7
70
0.55
540
0.133 375
0.36 245
0.82 200
1.2 235
0.19 150
0.36 80
0.36
60
0.7
100
140
2.40 60
2.1
40
4.5
45
7.0
10μH
150
1.4 125
3.70 75
8.0
90
5.8
80
1.89 50
4.0
35
2.5
47μH
47μH
1000
40
27
15
24
100μH
100μH
100μH
45
680μ
H
28.0
100μH
100μH
100μH
680μH
1000μH
1000μH


Similar Part No. - CBMF1608T1R0M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CBMF1608T1R0M TAIYO-YUDEN-CBMF1608T1R0M Datasheet
278Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBMF]
CBMF1608T1R0M TAIYO-YUDEN-CBMF1608T1R0M Datasheet
355Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
logo
Kemet Corporation
CBMF1608T1R0MK KEMET-CBMF1608T1R0MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
logo
Taiyo Yuden (U.S.A.), I...
CBMF1608T1R0MR TAIYO-YUDEN-CBMF1608T1R0MR Datasheet
274Kb / 11P
   WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES)
More results

Similar Description - CBMF1608T1R0M

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
List of Unclassifed Man...
CB2012T2R2M ETC1-CB2012T2R2M Datasheet
781Kb / 16P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com