Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56F801FA60 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # DSP56F801FA60
Description  16-bit Digital Signal Controllers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F801FA60 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button DSP56F801FA60 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56F801FA60 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F801FA60 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F801FA60 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F801FA60 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F801FA60 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56F801FA60 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56F801FA60 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56F801FA60 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Interrupt and Program Control Signals
56F801 Technical Data, Rev. 17
Freescale Semiconductor
11
2.4 Interrupt and Program Control Signals
2.5 Pulse Width Modulator (PWM) Signals
1
XTAL
GPIOB3
Output
Input/
Output
Chip-
driven
Input
Crystal Oscillator Output—This output should be connected to an 8MHz
external crystal or ceramic resonator. For more information, please refer to
Section 3.5.
This pin can also be connected to an external clock source. For more
information, please refer to Section 3.5.3.
Port B GPIO—This multiplexed pin is a General Purpose I/O (GPIO) pin that
can be programmed as an input or output pin. This I/O can be utilized when
using the on-chip relaxation oscillator so the XTAL pin is not needed.
Table 2-6 Interrupt and Program Control Signals
No. of
Pins
Signal
Name
Signal
Type
State
During Reset
Signal Description
1
IRQA
Input
(Schmitt)
Input
External Interrupt Request A—The IRQA input is a synchronized
external interrupt request that indicates that an external device is
requesting service. It can be programmed to be level-sensitive or
negative-edge- triggered.
1
RESET
Input
(Schmitt)
Input
Reset—This input is a direct hardware reset on the processor. When
RESET is asserted low, the controller is initialized and placed in the
Reset state. A Schmitt trigger input is used for noise immunity. When the
RESET pin is deasserted, the initial chip operating mode is latched from
the EXTBOOT pin. The internal reset signal will be deasserted
synchronous with the internal clocks, after a fixed number of internal
clocks.
To ensure complete hardware reset, RESET and TRST should be
asserted together. The only exception occurs in a debugging
environment when a hardware device reset is required and it is
necessary not to reset the OnCE/JTAG module. In this case, assert
RESET, but do not assert TRST.
Table 2-7 Pulse Width Modulator (PWMA) Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
6
PWMA0-5
Output
Tri-stated
PWMA0-5— These are six PWMA output pins.
1
FAULTA0
Input
(Schmitt)
Input
FAULTA0— This fault input pin is used for disabling selected PWMA
outputs in cases where fault conditions originate off-chip.
Table 2-5 PLL and Clock (Continued)
No. of
Pins
Signal
Name
Signal
Type
State
During Reset
Signal Description


Similar Part No. - DSP56F801FA60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F801FA60 MOTOROLA-DSP56F801FA60 Datasheet
858Kb / 44P
   56F801 16-bit Hybrid Controller
logo
Freescale Semiconductor...
DSP56F801FA60 FREESCALE-DSP56F801FA60 Datasheet
622Kb / 48P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
DSP56F801FA60 NXP-DSP56F801FA60 Datasheet
731Kb / 48P
   16-bit Digital Signal Controllers
Rev. 17 09/2007
logo
Freescale Semiconductor...
DSP56F801FA60E FREESCALE-DSP56F801FA60E Datasheet
622Kb / 48P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
DSP56F801FA60E NXP-DSP56F801FA60E Datasheet
731Kb / 48P
   16-bit Digital Signal Controllers
Rev. 17 09/2007
More results

Similar Description - DSP56F801FA60

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com