Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56303 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  24-Bit Digital Signal Processor
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button DSP56303_1 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56303_1 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56303_1 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56303_1 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56303_1 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56303_1 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56303_1 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56303_1 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56303_1 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
External Memory Expansion Port (Port A)
DSP56303 Technical Data, Rev. 11
Freescale Semiconductor
1-5
1.5.2
External Data Bus
1.5.3
External Bus Control
Table 1-7.
External Data Bus Signals
Signal
Name
Type
State
During
Reset
State
During Stop
or Wait
Signal Description
D[0–23]
Input/ Output
Ignored Input
Last state:
Input: Ignored
Output:
Tri-stated
Data Bus—When the DSP is the bus master, D[0–23] are active-high,
bidirectional input/outputs that provide the bidirectional data bus for external
program and data memory accesses. Otherwise, D[0–23] are tri-stated.
Table 1-8.
External Bus Control Signals
Signal
Name
Type
State During Reset,
Stop, or Wait
Signal Description
AA[0–3]
RAS[0–3]
Output
Output
Tri-stated
Address Attribute—When defined as AA, these signals can be used as chip selects or
additional address lines. The default use defines a priority scheme under which only
one AA signal can be asserted at a time. Setting the AA priority disable (APD) bit (Bit
14) of the Operating Mode Register, the priority mechanism is disabled and the lines
can be used together as four external lines that can be decoded externally into 16 chip
select signals.
Row Address Strobe—When defined as RAS, these signals can be used as RAS for
DRAM interface. These signals are tri-statable outputs with programmable polarity.
RD
Output
Tri-stated
Read Enable—When the DSP is the bus master, RD is an active-low output that is
asserted to read external memory on the data bus (D[0–23]). Otherwise, RD is tri-
stated.
WR
Output
Tri-stated
Write Enable—When the DSP is the bus master, WR is an active-low output that is
asserted to write external memory on the data bus (D[0–23]). Otherwise, the signals
are tri-stated.
TA
Input
Ignored Input
Transfer Acknowledge—If the DSP56303 is the bus master and there is no external
bus activity, or the DSP56303 is not the bus master, the TA input is ignored. The TA
input is a data transfer acknowledge (DTACK) function that can extend an external bus
cycle indefinitely. Any number of wait states (1, 2. . .infinity) can be added to the wait
states inserted by the bus control register (BCR) by keeping TA deasserted. In typical
operation, TA is deasserted at the start of a bus cycle, is asserted to enable completion
of the bus cycle, and is deasserted before the next bus cycle. The current bus cycle
completes one clock period after TA is asserted synchronous to CLKOUT. The number
of wait states is determined by the TA input or by the BCR, whichever is longer. The
BCR can be used to set the minimum number of wait states in external bus cycles.
To use the TA functionality, the BCR must be programmed to at least one wait state. A
zero wait state access cannot be extended by TA deassertion; otherwise, improper
operation may result. TA can operate synchronously or asynchronously depending on
the setting of the TAS bit in the Operating Mode Register. TA functionality cannot be
used during DRAM type accesses; otherwise improper operation may result.
BR
Output
Reset: Output
(deasserted)
State during Stop/Wait
depends on BRH bit
setting:
• BRH = 0: Output,
deasserted
• BRH = 1: Maintains last
state (that is, if asserted,
remains asserted)
Bus Request—Asserted when the DSP requests bus mastership. BR is deasserted
when the DSP no longer needs the bus. BR may be asserted or deasserted
independently of whether the DSP56303 is a bus master or a bus slave. Bus “parking”
allows BR to be deasserted even though the DSP56303 is the bus master. (See the
description of bus “parking” in the BB signal description.) The bus request hold (BRH)
bit in the BCR allows BR to be asserted under software control even though the DSP
does not need the bus. BR is typically sent to an external bus arbitrator that controls the
priority, parking, and tenure of each master on the same external bus. BR is affected
only by DSP requests for the external bus, never for the internal bus. During hardware
reset, BR is deasserted and the arbitration is reset to the bus slave state.


Similar Part No. - DSP56303_1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56303AG100 NXP-DSP56303AG100 Datasheet
2Mb / 108P
   24-Bit Digital Signal Processor
Rev. 11
DSP56303EVM NXP-DSP56303EVM Datasheet
304Kb / 2P
   DSP56303EVM Kit Contents List
REV. 2 6/97
DSP56303EVMCL/D NXP-DSP56303EVMCL/D Datasheet
304Kb / 2P
   DSP56303EVM Kit Contents List
REV. 2 6/97
DSP56303PV100 NXP-DSP56303PV100 Datasheet
2Mb / 108P
   24-Bit Digital Signal Processor
Rev. 11
DSP56303UM NXP-DSP56303UM Datasheet
2Mb / 108P
   24-Bit Digital Signal Processor
Rev. 11
More results

Similar Description - DSP56303_1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
   24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
   24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
   24-Bit Digital Signal Processor
Rev. 4, 11/2002
logo
Motorola, Inc
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
   24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56301 NXP-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com