Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56300FM Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # DSP56300FM
Description  24-Bit Digital Signal Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300FM Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button DSP56300FM Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56300FM Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56300FM Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56300FM Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56300FM Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56300FM Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56300FM Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56300FM Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56300FM Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 104 page
background image
DSP56L307 Technical Data, Rev. 6
1-2
Freescale Semiconductor
Signals/Connections
Figure 1-1.
Signals Identified by Functional Group
Notes:
1.
The HI08 port supports a non-multiplexed or a multiplexed bus, single or double Data Strobe (DS), and single or
double Host Request (HR) configurations. Since each of these modes is configured independently, any combination
of these modes is possible. These HI08 signals can also be configured alternatively as GPIO signals (PB[0–15]).
Signals with dual designations (for example, HAS/HAS) have configurable polarity.
2.
The ESSI0, ESSI1, and SCI signals are multiplexed with the Port C GPIO signals (PC[0–5]), Port D GPIO signals
(PD[0–5]), and Port E GPIO signals (PE[0–2]), respectively.
3.
TIO[0–2] can be configured as GPIO signals.
4.
CLKOUT, BCLK, BCLK, CAS, and RAS[0–3] are valid only for operating frequencies
≤100 MHz.
DSP56L307
24
18
External
Address Bus
External
Data Bus
External
Bus
Control
Enhanced
Synchronous Serial
Interface Port 0
(ESSI0)
2
Timers3
PLL
OnCE/
JTAG Port
Power Inputs:
PLL
Core Logic
I/O
Address Bus
Data Bus
Bus Control
HI08
ESSI/SCI/Timer
A[0–17]
D[0–23]
AA0/RAS0–
AA3/RAS3
4
RD
WR
TA
BR
BG
BB
CAS4
BCLK4
BCLK
4
TCK
TDI
TDO
TMS
TRST
DE
CLKOUT
4
PCAP
After
Reset
NMI
VCCP
VCCQL
VCCQH
VCCA
VCCD
VCCC
VCCH
VCCS
4
Serial
Communications
Interface (SCI) Port
2
4
2
2
Grounds:
PLL
PLL
Ground plane
GNDP
GNDP1
GND
64
Interrupt/
Mode Control
MODA
MODB
MODC
MODD
RESET
Host
Interface
(HI08) Port
1
Non-Multiplexed
Bus
H[0–7]
HA0
HA1
HA2
HCS/HCS
Single DS
HRW
HDS/HDS
Single HR
HREQ/HREQ
HACK/HACK
RXD
TXD
SCLK
SC0[0–2]
SCK0
SRD0
STD0
TIO0
TIO1
TIO2
8
3
3
EXTAL
XTAL
Clock
Enhanced
Synchronous Serial
Interface Port 1
(ESSI1)2
SC1[0–2]
SCK1
SRD1
STD1
3
Multiplexed
Bus
HAD[0–7]
HAS/HAS
HA8
HA9
HA10
Double DS
HRD/HRD
HWR/HWR
Double HR
HTRQ/HTRQ
HRRQ/HRRQ
Port B
GPIO
PB[0–7]
PB8
PB9
PB10
PB13
PB11
PB12
PB14
PB15
Port E GPIO
PE0
PE1
PE2
Port C GPIO
PC[0–2]
PC3
PC4
PC5
Port D GPIO
PD[0–2]
PD3
PD4
PD5
Timer GPIO
TIO0
TIO1
TIO2
Port A
4
IRQA
IRQB
IRQC
IRQD
PINIT
3
RESET
During Reset
After Reset
Reset
During


Similar Part No. - DSP56300FM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56300FM MOTOROLA-DSP56300FM Datasheet
2Mb / 168P
   24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56300FM NXP-DSP56300FM Datasheet
3Mb / 152P
   24-Bit Audio Digital Signal Processor
Rev. 4, 08/2006
logo
Motorola, Inc
DSP56300FM MOTOROLA-DSP56300FM Datasheet
1Mb / 128P
   high density CMOS device with 3.3 V inputs and outputs
logo
NXP Semiconductors
DSP56300FM NXP-DSP56300FM Datasheet
2Mb / 110P
   24-Bit Audio Digital Signal Processor
Rev. 3.1, 1/2007
logo
Motorola, Inc
DSP56300FM MOTOROLA-DSP56300FM Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
More results

Similar Description - DSP56300FM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
   24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
   24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
   24-Bit Digital Signal Processor
Rev. 4, 11/2002
logo
Motorola, Inc
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56301 NXP-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com