Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56L307UM Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # DSP56L307UM
Description  24-Bit Digital Signal Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56L307UM Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  DSP56L307UM Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56L307UM Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56L307UM Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56L307UM Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56L307UM Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56L307UM Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56L307UM Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56L307UM Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56L307UM Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
DSP56L307 Technical Data, Rev. 6
Freescale Semiconductor
iii
Features
Table 1 lists the features of the DSP56L307 device.
Table 1. DSP56L307 Features
Feature
Description
High-Performance
DSP56300 Core
• 160 million multiply-accumulates per second (MMACS) (320 MMACS using the EFCOP in filtering
applications) with a 160 MHz clock at 1.8 V core and 3.3 V I/O
• Object code compatible with the DSP56000 core with highly parallel instruction set
• Data arithmetic logic unit (Data ALU) with fully pipelined 24
× 24-bit parallel multiplier-accumulator (MAC),
56-bit parallel barrel shifter (fast shift and normalization; bit stream generation and parsing), conditional
ALU instructions, and 24-bit or 16-bit arithmetic support under software control
• Program control unit (PCU) with position-independent code (PIC) support, addressing modes optimized for
DSP applications (including immediate offsets), internal instruction cache controller, internal memory-
expandable hardware stack, nested hardware DO loops, and fast auto-return interrupts
• Direct memory access (DMA) with six DMA channels supporting internal and external accesses; one-, two-
and three-dimensional transfers (including circular buffering); end-of-block-transfer interrupts; and
triggering from interrupt lines and all peripherals
• Phase-lock loop (PLL) allows change of low-power divide factor (DF) without loss of lock and output clock
with skew elimination
• Hardware debugging support including on-chip emulation (OnCE) module, Joint Test Action Group (JTAG)
test access port (TAP)
Enhanced Filter
Coprocessor (EFCOP)
• Internal 24
× 24-bit filtering and echo-cancellation coprocessor that runs in parallel to the DSP core
• Operation at the same frequency as the core (up to 160 MHz)
• Support for a variety of filter modes, some of which are optimized for cellular base station applications:
• Real finite impulse response (FIR) with real taps
• Complex FIR with complex taps
• Complex FIR generating pure real or pure imaginary outputs alternately
• A 4-bit decimation factor in FIR filters, thus providing a decimation ratio up to 16
• Direct form 1 (DFI) Infinite Impulse Response (IIR) filter
• Direct form 2 (DFII) IIR filter
• Four scaling factors (1, 4, 8, 16) for IIR output
• Adaptive FIR filter with true least mean square (LMS) coefficient updates
• Adaptive FIR filter with delayed LMS coefficient updates
Internal Peripherals
• Enhanced 8-bit parallel host interface (HI08) supports a variety of buses (for example, ISA) and provides
glueless connection to a number of industry-standard microcomputers, microprocessors, and DSPs
• Two enhanced synchronous serial interfaces (ESSI), each with one receiver and three transmitters (allows
six-channel home theater)
• Serial communications interface (SCI) with baud rate generator
• Triple timer module
• Up to 34 programmable general-purpose input/output (GPIO) pins, depending on which peripherals are
enabled
Internal Memories
•192
× 24-bit bootstrap ROM
•192 K
× 24-bit RAM total
• Program RAM, instruction cache, X data RAM, and Y data RAM sizes are programmable:
:
Program RAM
Size
Instruction
Cache Size
X Data RAM
Size*
Y Data RAM
Size*
Instruction
Cache
Switch
Mode
MSW1
MSW0
16 K
× 24-bit
0
24 K
× 24-bit
24 K
× 24-bit
disabled
disabled
0/1
0/1
15 K
× 24-bit
1024
× 24-bit
24 K
× 24-bit
24 K
× 24-bit
enabled
disabled
0/1
0/1
48 K
× 24-bit
0
8 K
× 24-bit
8 K
× 24-bit
disabled
enabled
0
0
47 K
× 24-bit
1024
× 24-bit
8 K
× 24-bit
8 K
× 24-bit
enabled
enabled
0
0
40 K
× 24-bit
0
12 K
× 24-bit
12 K
× 24-bit
disabled
enabled
0
1
39 K
× 24-bit
1024
× 24-bit
12 K
× 24-bit
12 K
× 24-bit
enabled
enabled
0
1
32 K
× 24-bit
0
16 K
× 24-bit
16 K
× 24-bit
disabled
enabled
1
0
31 K
× 24-bit
1024
× 24-bit
16 K
× 24-bit
16 K
× 24-bit
enabled
enabled
1
0
24 K
× 24-bit
0
20 K
× 24-bit
20 K
× 24-bit
disabled
enabled
1
1
23 K
× 24-bit
1024
× 24-bit
20 K
× 24-bit
20 K
× 24-bit
enabled
enabled
1
1
*Includes 4 K
× 24-bit shared memory (that is, memory shared by the core and the EFCOP)


Similar Part No. - DSP56L307UM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56L307UM MOTOROLA-DSP56L307UM Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
More results

Similar Description - DSP56L307UM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
   24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
   24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
   24-Bit Digital Signal Processor
Rev. 4, 11/2002
logo
Motorola, Inc
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56301 NXP-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com