Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56F807 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  56F807_1 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F807_1 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F807_1 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F807_1 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F807_1 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F807_1 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F807_1 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F807_1 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F807_1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
56F807 Description
56F807 Technical Data Technical Data, Rev. 16
Freescale Semiconductor
5
Two dedicated General Purpose Quad Timers totaling six pins: Timer C with two pins and Timer D with
four pins
CAN 2.0 B Module with 2-pin port for transmit and receive
Two Serial Communication Interfaces each with two pins (or four additional GPIO lines)
Serial Peripheral Interface (SPI) with configurable 4-pin port (or four additional GPIO lines)
Computer-Operating Properly (COP) Watchdog timer
Two dedicated external interrupt pins
14 dedicated General Purpose I/O (GPIO) pins, 18 multiplexed GPIO pins
External reset input pin for hardware reset
External reset output pin for system reset
JTAG/On-Chip Emulation (OnCE™) for unobtrusive, processor speed-independent debugging
Software-programmable, Phase Locked Loop-based frequency synthesizer for the controller core clock
1.1.4
Energy Information
Fabricated in high-density CMOS with 5V-tolerant, TTL-compatible digital inputs
Uses a single 3.3V power supply
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
Wait and Stop modes available
1.2 56F807 Description
The 56F807 is a member of the 56800 core-based family of processors. It combines, on a single chip, the
processing power of a DSP and the functionality of a microcontroller with a flexible set of peripherals to
create an extremely cost-effective solution. Because of its low cost, configuration flexibility, and compact
program code, the 56F807 is well-suited for many applications. The 56F807 includes many peripherals
that are especially useful for applications such as motion control, smart appliances, steppers, encoders,
tachometers, limit switches, power supply and control, automotive control, engine management, noise
suppression, remote utility metering, industrial control for power, lighting, and automation.
The 56800 core is based on a Harvard-style architecture consisting of three execution units operating in
parallel, allowing as many as six operations per instruction cycle. The MCU-style programming model and
optimized instruction set allow straightforward generation of efficient, compact DSP and control code.
The instruction set is also highly efficient for C/C++ Compilers to enable rapid development of optimized
control applications.
The 56F807 supports program execution from either internal or external memories. Two data operands can
be accessed from the on-chip Data RAM per instruction cycle. The 56F807 also provides two external
dedicated interrupt lines and up to 32 General Purpose Input/Output (GPIO) lines, depending on peripheral
configuration.
The 56F807 controller includes 60K, 16-bit words of Program Flash and 8K words of Data Flash (each
programmable through the JTAG port) with 2K words of Program RAM and 4K words of Data RAM. It
also supports program execution from external memory.


Similar Part No. - 56F807_1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F807E FREESCALE-56F807E Datasheet
869Kb / 60P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F807_1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com