Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBC2518T680 Datasheet(PDF) 7 Page - Taiyo Yuden (U.S.A.), Inc

Part # CBC2518T680
Description  WOUND CHIP INDUCTORS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CBC2518T680 Datasheet(HTML) 7 Page - Taiyo Yuden (U.S.A.), Inc

Back Button CBC2518T680 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc CBC2518T680 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc CBC2518T680 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc CBC2518T680 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CBC2518T680 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CBC2518T680 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CBC2518T680 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc CBC2518T680 Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc CBC2518T680 Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
48
1
wound02_e-01
FEATURES
ORDERING CODE
EXTERNAL DIMENSIONS/STANDARD QUANTITY
AVAILABLE CAPACITANCE RANGE
APPLICATIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Recommended Land Patterns
Surface Mounting
・Mounting and soldering con-
Mounting and soldering con-
ditions should be checked
beforehand.
・Applicable soldering process
to those products is reflow
soldering only.
・Recommended Land Patterns
This series corresponds to high electric current compared with LB/
LBC series.
Wound Chip Inductors that can be used for small DC/DC converters
and are suitable for choke uses.
CBMF 1608 Series
The best efficiency design is achieved by adopting bottom-surface
electrode structure.
Wound Chip Inductors that are suitable for module design which
needs high electric current like DC/DC converters.
DSC/DVC/HDD, LCD, portable telephones, game equipment.
Various audio-visual equipment, various communication equipment,
etc.
WOUND CHIP POWER INDUCTORS (CB SERIES)
C B △ 2
0
1
2
T
1
0
0 △ △ △ △ △
Type
L
W
T
e
Standard Quantity [pcs]
Paper
Tape
Embossed
Tape
CBC3225
3.2±0.2
(0.126±0.008)
2.5±0.2
(0.098±0.008)
2.5±0.2
(0.098±0.008)
0.6±0.3
(0.024±0.012)
1000
CB2518
CBC2518
2.5±0.2
(0.098±0.008)
1.8±0.2
(0.071±0.008)
1.8±0.2
(0.071±0.008)
0.5±0.2
(0.020±0.008)
2000
CB2016
CBC2016
2.0±0.2
(0.079±0.008)
1.6±0.2
(0.063±0.008)
1.6±0.2
(0.063±0.008)
0.5±0.2
(0.020±0.008)
2000
CB2012
CBC2012
2.0±0.2
(0.079±0.008)
1.25±0.2
(0.049±0.008)
1.25±0.2
(0.049±0.008)
0.5±0.2
(0.020±0.008)
2000
CBL2012
2.0±0.2
(0.079±0.008)
1.25±0.2
(0.049±0.008)
0.9±0.1
(0.035±0.004)
0.5±0.2
(0.020±0.008)
4000
CBMF1608
1.6±0.2
(0.063±0.2)
0.8±0.2
(0.031±0.008)
0.8±0.2
(0.031±0.008)
0.45±0.15
(0.016±0.006)
3000
Unit:mm(inch)
Type
CB
Wound chip power inductor
Internal code
△△△ Standard
Products
△=Blank space
Special
code
△ Standard
products
R
Low Rdc
type
External Dimensions
〔mm〕
1608(0603) 1.6×0.8
2012(0805) 2.0×1.25
2016(0806) 2.0×1.6
2518(1007) 2.5×1.8
3225(1210) 3.2×2.5
Nominal
Inductance〔μH〕
example
1R0
1
100
10
101
100
※R=decimal point
Characteristic Spec
Low Rdc
C
High current
L
Low profile
MF Bottom-surface electrode
Inductance
Tolerances〔%〕
K
±10
M
±20
Packaging
T
Tape & Reel
Unit:mm
TYPE
A
B
C
1608
0.55
0.7
1.0
MF1608
0.55
0.8
0.9
2012
0.7
0.8
1.45
2016
0.7
0.8
1.8
2518
0.8
1.2
2.0
3225
1.0
1.6
2.0
A
A
C
B
Range
Type
CB2518
CB2016
CB2012
CBC3225
CBC2518
CBC2016
CBC2012
CBC2012
CBMF1608
1
Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω]
1200 1μH 0.06
600
1μH 0.09
500
1μH
0.15 1440 1μH 0.055 1000 1μH 0.08 1100 1μH
0.1
700
1μH
0.19
620
1μH
0.15
350
1μH 0.09
22 510
0.09
510
0.13
410
0.23 1130
0.08
890
0.13
750
0.2
530
0.33
530
0.33
230
0.17
10 250
2.40
250
0.5
200
0.5
900
0.133 480
0.36
380
0.82
240
1.2
440
1.0
115
0.36
47 110
0.95
110
2.4
90
3.7
390
0.67
240
1.90
150
4.3
120
5.8
100
4.2
50
2.5
100 60
2.1
70
4.5
60
7
270
1.4
160
3.7
110
8
47μH
47μH
47μH
1000 25
24
100μH
100μH
100μH
65
28
100μH
680μH
1000μH
REFLOW


Similar Part No. - CBC2518T680

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CBC2518T680K TAIYO-YUDEN-CBC2518T680K Datasheet
137Kb / 1P
   Wire-wound Chip Power Inductors
CBC2518T680K TAIYO-YUDEN-CBC2518T680K Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
CBC2518T680K TAIYO-YUDEN-CBC2518T680K Datasheet
363Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CBC2518T680K8 TAIYO-YUDEN-CBC2518T680K8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
CBC2518T680KV TAIYO-YUDEN-CBC2518T680KV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
More results

Similar Description - CBC2518T680

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
List of Unclassifed Man...
CB2012T2R2M ETC1-CB2012T2R2M Datasheet
781Kb / 16P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com