Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8300 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT8300
Description  16-Bit I/O Expander IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8300 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT8300 Datasheet HTML 1Page - Princeton Technology Corp PT8300 Datasheet HTML 2Page - Princeton Technology Corp PT8300 Datasheet HTML 3Page - Princeton Technology Corp PT8300 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
16-Bit I/O Expander IC
PT8300
Princeton Technology Corp.
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT 8300 v 1.0
3
Updated Oct. 2000
VS S
/R E S E T
CL K
LAT C H
P1 5
P1 4
P1 3
P1 2
P11
P1 0
P9
P8
LAT C H O
CL K O
VC C
P U LLU P
DI1
DO 2
P0
P1
P2
P3
P4
P5
P6
P7
DI2
DO 1
5V
MC U
P8 TO P 1 5
P0 TO P 7
APPLICATION CIRICUIT 1


Similar Part No. - PT8300

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
427Kb / 19P
   16-Bit I/O Expander IC
PT8300-R PTC-PT8300-R Datasheet
427Kb / 19P
   16-Bit I/O Expander IC
logo
CT Micro International ...
PT8300BT CTMICRO-PT8300BT Datasheet
836Kb / 9P
   3mm Lamp Type Photo Transistor
logo
Princeton Technology Co...
PT8300 PTC-PT8300_10 Datasheet
427Kb / 19P
   16-Bit I/O Expander IC
More results

Similar Description - PT8300

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8300 PTC-PT8300_10 Datasheet
427Kb / 19P
   16-Bit I/O Expander IC
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
   16-BIT I/O EXPANDER
logo
Microchip Technology
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
   16-Bit I2C??I/O Expander
2007
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
logo
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
   16-Bit I2C I/O Expander
12/08/06
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
   Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
PCA9535E ONSEMI-PCA9535E_15 Datasheet
180Kb / 20P
   16-bit Low-Power I/O Expander
October, 2015 ??Rev. 6
logo
Microchip Technology
MCP23017 MICROCHIP-MCP23017_16 Datasheet
879Kb / 42P
   16-Bit I/O Expander with Serial Interface
06/23/16
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com