Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F060212 Datasheet(PDF) 1 Page - E-SWITCH

Part # F060212
Description  LAPPLU30KGRNGRN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

F060212 Datasheet(HTML) 1 Page - E-SWITCH

  F060212 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LAPPLU30KGRNGRN
1
1/10/2007
XF0706P
A
TN
1
1
Parts List
DESCRIPTION
PART NUMBER
QTY
ITEM
LAPPLU10
F060601
1
1
35MM FLUSH MOUNT BEZEL
F051706
1
3
35MM FLUSH MOUNT RETAINER
F051707
1
4
29MM GRN LENS
F060212
1
2
LED 24VDC GRN
F050422
1
5
1
4
3
40.00 `.50
1.575 `.020 in
[]
n35.00
[1.378 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH].
2. GENERAL TOLERANCE: 0.0=
`0.4
0.00=
`0.25
3. TERM. NOS. FOR REF. ONLY.
4. RATING: 5A @250VAC
8A @125VAC
.2A @250VDC
6A @24VDC
5. INSULATION: 1,000 M
Ω ΜΙΝ.
6. DIELETRIC STRENGTH: 2000V FOR 1 MIN.
7. SEALED TO IP65.
8. TRAVEL: 3.0MM FULL TRAVEL, 2.0MM LATCH
9. ELECTRICAL LIFE: >50,000 CYCLES
10. OPERATING TEMP: -25C TO +55C
11. PANEL THICKNESS: 0.5MM TO 3.0MM
12. LAMP VOLTAGE: LED, 24VDC, GREEN
13.
DENOTES CRITICAL PARAMETER.
14. 2002/95/EC (ROHS) COMPLIANT
2.30
[.091 in]
A
16826
RELEASED FOR PRODUCTION
1/10/07
TN
35.00
[1.378 in]
35.00
[1.378 in]
n30.50
[1.201 in]
L
b(+)
a
CIRCUIT
RECOMMEND PANEL MOUNTING


Similar Part No. - F060212

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
F060212 E-SWITCH-F060212 Datasheet
25Kb / 1P
   All Dimensions in MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com