Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2401-3B-0500 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2401-3B-0500
Description  2400 Series Delay On Operate Timer Fixed Timing, Relay Output
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2401-3B-0500 Datasheet(HTML) 1 Page - Tyco Electronics

  2401-3B-0500 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Environmental Specifications
Temperature Range:
-55°C to +85°C or -55°C to +125°C.
Vibration: 20 G’s, 10 - 2,000 Hz.
Shock: 50 G’s, 11 ± 1ms duration.
Insulation Resistance: 1,000
megohms, min., at 500Vdc, all terminals
to case.
Dielectric Strength: 500Vrms, 60 Hz.,
at sea level, all terminals to case.
Sealing: Hermetic, 1.3 in. (33.0mm) of
mercury.
Life: 100,000 operations, min.
Weight: 1.2 oz (30g) max.
1
Catalog 7-1773439-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 4-05
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
© 2005 by Tyco Electronics Corporation. All Rights Reserved.
CII and TYCO are trademarks.
Other products and company names mentioned herein may be trademarks of their respective owners.
Product Facts
DC input fixed delay on
operate timer
2 Form C (DPDT), 2A output
CMOS digital design
Reverse polarity protection
Hermetic package
Built to MIL-R-83726
environmentals
Customizing options include
Tighter timing tolerances
Header and mounting
Different input voltages
Part Numbering System
Typical Part Number
2401
–1
A
– 1102
Model Number:
2401 = Fixed timer, -55°C to +85°C
2402 = Fixed timer, -55°C to +125°C
Header Style (see Header Options drawings):
1 = Hook terminals
2 = Straight terminals, short
3 = Straight terminals, long
Mounting (see outline dimension drawings):
A = Plain case
B = Bracket B
C = Studs on side
E = Bracket E
Timing Code:
Four-digit code for any value between 50ms and 600s.
The timing code consists of four digits and gives the time in ms. The first three digits
are the significant figures and the last digit is the number of zeros following the
significant figures; thus 50 ms would be coded 0500, 1.1 s would read 1101, and 1 m
(60 s) would be 6002.
2400 Series Delay On Operate Timer
Fixed Timing, Relay Output
Electrical Specifications
Timing Range: 50 ms to 600 s.
Tolerance: ±10% or 10 ms, whichever
is greater.
Recycle Time: 10 ms.
Recovery Time: 20 ms.
Input Data:
Input Voltage: 18 to 31Vdc.
Current Drain: 85mA @ 31Vdc, 25°C.
Output Data:
Output Form: 2 Form C (DPDT).
Output Rating:
2A resistive at 30Vdc;
125mA resistive at 115Vac, 400 Hz.
Transient Protection: 80Vdc for
50ms.
A typical part number would be 2401–1A–1102. This fixed timer operates at -55°C to
+85°C, has hook terminals, style “A” mounting, and a time delay of 11s.
Timing Diagram
ON
OFF
INPUT
ON
OFF
< DELAY >
CII 2400 series delay on
operate timers combine solid
state timing circuits with relay
outputs in robust hermetically
sealed enclosures. They are
fixed timers. The 2 Form C
(DPDT) output relay is rated 2A.
1.500
[38.1]
MAX.
.809 MAX.
[20.55]
.406 MAX.
[10.31]
.25
[6.35]
.75
[19.0]
.809 MAX.
[20.55]
.040-.047
[1.02-1.19]
1.32 MAX.
[33.53]
1.062
[26.97]
.120 DIA.
[3.05]
.030
[.762]
.375
[9.52]
.210-.230
[5.33-5.84]
#4-40
STUDS
.297 [7.54]
.488
[12.4]
.375
[9.52]
Outline Dimensions
Mounting Option A
Mounting Option B
Mounting Option D
Mounting Option E
.312
[7.92]
1.078
[27.38]
1.32 MAX.
[33.53]
.096 DIA.
[2.44]
.031
[.787]
.125
[3.18]
Wiring Diagram
+
.188 TYP.
[4.77]
.188 TYP.
[4.77]
.030 DIA. TYP. [4.77]
3.0
± .031
[76.2
± .787]
.030 DIA. TYP. [4.77]
TERMINAL SPACING IS 0.2 [5.08] FOR ALL HEADERS
Header Options
Header Option 2
Header Option 1
OUTPUT
Header Option 3


Similar Part No. - 2401-3B-0500

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2401-000027 TOSHIBA-2401-000027 Datasheet
5Mb / 70P
   COLOUR TELEVISION
2401-000287 TOSHIBA-2401-000287 Datasheet
5Mb / 70P
   COLOUR TELEVISION
2401-000360 TOSHIBA-2401-000360 Datasheet
5Mb / 70P
   COLOUR TELEVISION
2401-000430 TOSHIBA-2401-000430 Datasheet
5Mb / 70P
   COLOUR TELEVISION
2401-000480 TOSHIBA-2401-000480 Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

Similar Description - 2401-3B-0500

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6001-6002C MACOM-6001-6002C Datasheet
60Kb / 1P
   6001 Series Delay On Operate Digital Timing Module Fixed Timing, Solid State Output
CLCU MACOM-CLCU Datasheet
51Kb / 2P
   Delay on operate timing mode
VTMR1 MACOM-VTMR1 Datasheet
204Kb / 1P
   On-Delay Timing Module With Internal Potentiometer, Relay Output
logo
PHOENIX CONTACT
ETD-BL-1T-ON-CC-10S PHOENIX-ETD-BL-1T-ON-CC-10S Datasheet
157Kb / 8P
   Timer relay with switch-on delay
logo
List of Unclassifed Man...
A108024600 ETC2-A108024600 Datasheet
72Kb / 3P
   Timers Delay on Operate
EASSM2310M ETC2-EASSM2310M Datasheet
62Kb / 2P
   Timers Delay on Operate
DAA51CM24 ETC2-DAA51CM24 Datasheet
90Kb / 2P
   Timers Delay on Operate
logo
Carlo Gavazzi Holding A...
DAA51 CARLOGAVAZZI-DAA51 Datasheet
90Kb / 2P
   Timers Delay on Operate
logo
List of Unclassifed Man...
EAACT2310H ETC2-EAACT2310H Datasheet
49Kb / 2P
   Timers Delay on Operate
DAA01CM24 ETC2-DAA01CM24 Datasheet
68Kb / 3P
   Timers Delay on Operate
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com