Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF0679P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0679P
Description  L16PLT10HGRNGRN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0679P Datasheet(HTML) 1 Page - E-SWITCH

  XF0679P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
L16PLT10HGRNGRN
1.5:1
6/15/2006
XF0679P
A
CT
1
1
RECOMMENDED PANEL MOUNTING
1
1
F040001
L16PLT10
2
1
F050202
50-002-02 RECTANGULAR CONCAVE GREEN
LENS
3
1
F050416
50-004-16 6V GREEN LED
PARTS LIST
ITEM
QTY
PART NUMBER
DESCRIPTION
L
b(+)
a
CIRCUIT
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. OPERATING TEMP: -25
~C to +55~C
5. STORAGE TEMP: -40
~C TO +85~C
6. LAMP VOLTAGE: 6VDC LED
7.
DENOTES CRITICAL PARAMETER.
8. 2002/95/EC (ROHS) COMPLIANT
24.00 MIN
[.945 in]
18.00 MIN
[.709 in]
16.00
n
- .00
.30
+
.630 -.000
.012
+
in
[]
7.90
[.311 in]
27.00
[1.063 in]
7.20
[.283 in]
10.80
[.425 in]
1
2
3
A
16147
RELEASED FOR PRODUCTION
6/15/06
CT
n14.70
[.579 in]
.50
[.020 in]
10.40
[.409 in]
n2.00
[.079 in]


Similar Part No. - XF0679P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0670P E-SWITCH-XF0670P Datasheet
129Kb / 1P
   All Dimension In MM
XF0672P E-SWITCH-XF0672P Datasheet
143Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY.
XF0673P E-SWITCH-XF0673P Datasheet
143Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY.
XF0674P E-SWITCH-XF0674P Datasheet
150Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
XF0675P E-SWITCH-XF0675P Datasheet
46Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com