Electronic Components Datasheet Search |
|
043017031300 Datasheet(PDF) 2 Page - Tyco Electronics |
|
043017031300 Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 3 page PCB layout / terminal assignment Bottom view on solder pins Dimensions Dimensions S0448-AA S0449-AA S0448-AB PCB version, 1 CO contact S0448-AC S0448-AD PCB version, 2 CO contacts Snap mounting S0449-AI Insulation Dielectric strength coil-contact circuit 4000 Vrms open contact circuit 1000 Vrms Clearance / creepage coil-contact circuit W 8/8 mm adjacent contact circuits W 3/4 mm Material group of insulation parts W IIIa Tracking index of relay base PTI 380M Insulation to IEC 60664-1 Type of insulation coil-contact circuit reinforced open contact circuit functional adjacent contact circuits basic Rated insulation voltage 250 V Pollution degree 3 Rated voltage system 230/400 V Overvoltage category III Other data RoHS - Directive 2002/95/EC compliant as per product date code 0349 Ambient temperature range -20...+70°C Operate- / release time typ. 18 / 3 ms Bounce time NO / NC contact typ. 3 ms Category of protection RTI - dust protected Mounting pcb, mounting brackets, snap mounting, DIN rail Resistance to soldering heat 270°C / 10 s Relay weight 32 g Packaging unit 50 pcs 2 Power Relay 430 (Continued) General Purpose Relays Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical para- meters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the ‘Schrack’ section. Specifications subject to change. |
Similar Part No. - 043017031300 |
|
Similar Description - 043017031300 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |