Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1350-2A-100.0 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1350-2A-100.0
Description  AC Voltage Level Sensor, Relay Output
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1350-2A-100.0 Datasheet(HTML) 1 Page - Tyco Electronics

  1350-2A-100.0 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Specifications
Pull-In Voltage: Any voltage level
between 50 to 150Vac, 400 Hz., in 1.0
volt increments.
Drop-Out Voltage: 0 to 3.0V max,
(1.5V nom.) below pull-in voltage.
Current Drain: 100mA max @ 25°C.
Accuracy: ±2.5% of set point over
temperature range.
Max. Allowable Applied Voltage:
150% of specified pull-in voltage.
Auxiliary Voltage: None required.
Operate and Release Times: 50ms
max. over the temperature range.
Contact Arrangement: 2 Form C
(DPDT).
Contact Rating:
2 amps resistive @30Vdc
300mA resistive @ 115 Vrms, 400 Hz.
Environmental Specifications
Temperature Range: -55°C to
+125°C.
Vibration: 20’G,s, 10 - 2,000 Hz.
Shock: 50 G’s, 11 ± 1ms duration.
Insulation Resistance: 1,000
megohms, min., at 500Vdc, all terminals
to case.
Dielectric Strength: 1,000Vrms, 60
Hz., at sea level, all terminals to case.
Sealing: Hermetic, 1.3 in. (33.0mm) of
mercury.
Life: 100,000 operations, min.
Weight: 3.5 oz (99.2g) max.
1
Catalog 7-1773439-5
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 1-06
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
© 2006 by Tyco Electronics Corporation. All Rights Reserved.
CII and TYCO are trademarks.
Other products and company names mentioned herein may be trademarks of their respective owners.
Product Facts
I Standard models combine AC
(400 Hz.) voltage-sensing
circuit with 2A DPDT output
relay.
I Various applications
I Motor protection
I Ground support equipment
I Low or high line alarms
I Computer protection
I Many customizing options
I Solid state output
I Two-stage sensing
(voltage band)
I Up to 10A relay output
I 3 phase version
I Controlled dropout
differential
I Operate with auxiliary
control voltage
I Under and over voltage trip
I Time delay on trip point
I Tighter accuracy
I Lower trip points
I Different package,
mounting, header
I 60 Hz. versions
Part Numbering System
Typical Part Number
1350
- 2
A
- 100.0
Series:
1350 = AC Voltage Level Sensor, Relay Output
Contact Form:
2 = 2 Form C (DPDT)
Mounting (see outline dimension drawings):
A = Studs on bottom
B = Studs on top
C = Studs on side
Pull-In Voltage:
Specify any level between 50 and 150Vac in 1.0 volt increments
1350 Series
AC Voltage Level Sensor, Relay Output
The CII 1350 series AC voltage
sensor energizes a relay when
the monitored power line
voltage reaches a
predetermined level. This
rugged unit with reliable solid-
state design provides precise,
repeatable operation over a
wide temperature range. The
input voltage is fed into a
temperature compensated
comparator circuit. When the
input reaches the preset level,
transistor amplifiers switch the
output relay. This output may
control any external devices,
process or warning system to
protect expensive equipment.
The unit is potted and
hermetically sealed and is
designed to meet the
environmental requirements of
MIL-R-83726.
2.0 MAX.
[50.8]
.063 MAX.
[1.60]
.375
[9.53]
#4-40 THD
4 PLACES
INDEX DOT
.75 DIA.
[19.05]
MAX.
.875
[22.22]
1.25 MAX.
[31.75]
1.00 MAX.
[25.4]
.625
[15.875]
2.0 MAX.
[50.8]
.063 MAX.
[1.60]
.375
[9.53]
#4-40 THD
4 PLACES
INDEX DOT
.875
[22.22]
1.25 MAX.
[31.75]
1.00 MAX.
[25.4]
.625
[15.875]
.250
[6.35]
2.0 MAX.
[50.8]
.063 MAX.
[1.60]
.375
[9.53]
#4-40 THD
4 PLACES
INDEX
DOT
.625
[15.875]
1.25 MAX.
[31.75]
1.00 MAX.
[25.4]
.625
[15.875]
.250
[6.35]
1.25
[31.75]
Wiring Diagram
INPUT
INDEX DOT
Outline Dimensions
Mounting Option A
Mounting Option B
Mounting Option C


Similar Part No. - 1350-2A-100.0

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
1350 KNIGHTSBRIDGE-1350 Datasheet
204Kb / 1P
   13A 2-Way Mains Unfused Adaptor
27/03/2024
logo
PHOENIX CONTACT
1350010 PHOENIX-1350010 Datasheet
625Kb / 17P
   Contact insert - HC-B24-I-PT-CI-F
Jul 6, 2022
1350011 PHOENIX-1350011 Datasheet
616Kb / 17P
   Contact insert - HC-B24-I-PT-CI-M
Jul 6, 2022
1350013 PHOENIX-1350013 Datasheet
640Kb / 17P
   Contact insert - HC-B16-I-PT-CI-F
Jul 6, 2022
1350015 PHOENIX-1350015 Datasheet
636Kb / 17P
   Contact insert - HC-B16-I-PT-CI-M
Jul 6, 2022
More results

Similar Description - 1350-2A-100.0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1310-2A-24.5 MACOM-1310-2A-24.5 Datasheet
321Kb / 1P
   1310 Series DC Voltage Level Sensor, Relay Output
logo
Picker Components
PCS27 PICKER-PCS27 Datasheet
309Kb / 2P
   AC Output Solid State Relay
PCS27-AC PICKER-PCS27-AC Datasheet
309Kb / 2P
   AC Output Solid State Relay
PCS32-AC PICKER-PCS32-AC Datasheet
1Mb / 3P
   AC Output Solid State Relay
PCS55 PICKER-PCS55 Datasheet
615Kb / 3P
   AC Output Solid State Relay/Output Module
PCS41 PICKER-PCS41 Datasheet
1Mb / 3P
   AC Output Solid State Relay/Output Module
logo
Powerbox
DRP-BN1PH POWERBOX-DRP-BN1PH Datasheet
440Kb / 2P
   Voltage alarms relay output
logo
Banner Engineering Corp...
SMA31E BANNER-SMA31E Datasheet
549Kb / 8P
   AC Voltage Series Sensor
logo
Sanyo Semicon Device
LB1407 SANYO-LB1407 Datasheet
76Kb / 3P
   AC/DC Voltage Level Meter
logo
Analog Devices
7B22 AD-7B22_15 Datasheet
535Kb / 8P
   Isolated High Level Voltage Output
REV. 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com