Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW68GLT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BCW68GLT3G
Description  General Purpose Transistor PNP Silicon
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW68GLT3G Datasheet(HTML) 2 Page - ON Semiconductor

  BCW68GLT3G Datasheet HTML 1Page - ON Semiconductor BCW68GLT3G Datasheet HTML 2Page - ON Semiconductor BCW68GLT3G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BCW68GLT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (IC = −10 mAdc, IB = 0)
V(BR)CEO
−45
Vdc
Collector−Emitter Breakdown Voltage (IC = −10 mAdc, VEB = 0)
V(BR)CES
−60
Vdc
Emitter−Base Breakdown Voltage (IE = −10 mAdc, IC = 0)
V(BR)EBO
−5.0
Vdc
Collector Cutoff Current
(VCE= −45 Vdc, IE = 0)
(VCE= −45 Vdc, IB = 0, TA = 150°C)
ICES
−20
−10
nAdc
mAdc
Emitter Cutoff Current (VEB = −4.0 Vdc, IC = 0)
IEBO
−20
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = −10 mAdc, VCE = −1.0 Vdc)
(IC = −100 mAdc, VCE = −1.0 Vdc)
(IC = −300 mAdc, VCE = −1.0 Vdc)
hFE
120
160
60
400
Collector−Emitter Saturation Voltage (IC = −300 mAdc, IB = −30 mAdc)
VCE(sat)
−1.5
Vdc
Base−Emitter Saturation Voltage (IC = −500 mAdc, IB = −50 mAdc)
VBE(sat)
−2.0
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = −20 mAdc, VCE = −10 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance
(VCB= −10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
18
pF
Input Capacitance
(VEB= −0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
105
pF
Noise Figure
(IC= −0.2 mAdc, VCE = −5.0 Vdc, RS = 1.0 kW, f = 1.0 kHz, BW = 200 Hz)
NF
10
dB


Similar Part No. - BCW68GLT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCW68GLT3G ONSEMI-BCW68GLT3G Datasheet
68Kb / 5P
   General Purpose Transistor
March, 2015 ??Rev. 7
BCW68GLT3G ONSEMI-BCW68GLT3G Datasheet
92Kb / 5P
   General Purpose Transistor
November, 2016 ??Rev. 8
More results

Similar Description - BCW68GLT3G

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Weitron Technology
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
   General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
   General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
   PNP Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
   GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
   PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
   PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
   PNP Silicon General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com