Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCP69T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BCP69T1G
Description  PNP Silicon Epitaxial Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP69T1G Datasheet(HTML) 1 Page - ON Semiconductor

  BCP69T1G Datasheet HTML 1Page - ON Semiconductor BCP69T1G Datasheet HTML 2Page - ON Semiconductor BCP69T1G Datasheet HTML 3Page - ON Semiconductor BCP69T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2008
October, 2008 − Rev. 8
1
Publication Order Number:
BCP69T1/D
BCP69T1
PNP Silicon
Epitaxial Transistor
This PNP Silicon Epitaxial Transistor is designed for use in low
voltage, high current applications. The device is housed in the
SOT−223 package, which is designed for medium power surface
mount applications.
Features
High Current: IC = −1.0 A
The SOT−223 Package can be soldered using wave or reflow.
SOT−223 package ensures level mounting, resulting in improved
thermal conduction, and allows visual inspection of soldered joints.
The formed leads absorb thermal stress during soldering, eliminating
the possibility of damage to the die.
NPN Complement is BCP68
Pb−Free Package is Available
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
−20
Vdc
Collector−Base Voltage
VCBO
−25
Vdc
Emitter−Base Voltage
VEBO
−5.0
Vdc
Collector Current
IC
−1.0
Adc
Total Power Dissipation @ TA = 25°C (Note 1)
Derate above 25°C
PD
1.5
12
W
mW/°C
Operating and Storage Temperature Range
TJ, Tstg
−65 to
150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance − Junction−to−Ambient
(Surface Mounted)
RqJA
83.3
°C/W
Lead Temperature for Soldering,
0.0625 in from case
Time in Solder Bath
TL
260
10
°C
Sec
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Device mounted on a glass epoxy printed circuit board 1.575 in. x 1.575 in.
x 0.059 in.; mounting pad for the collector lead min. 0.93 sq. in.
MEDIUM POWER
PNP SILICON
HIGH CURRENT
TRANSISTOR
SURFACE MOUNT
1
2
3
4
COLLECTOR 2,4
BASE
1
EMITTER 3
http://onsemi.com
SOT−223 (TO−261)
CASE 318E
STYLE 1
AYW
CEG
G
Device
Package
Shipping
ORDERING INFORMATION
BCP69T1
SOT−223
1000 / Tape & Reel
BCP69T1G
SOT−223
(Pb−Free)
1000 / Tape & Reel
CE = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MARKING
DIAGRAM
(Note: Microdot may be in either location)


Similar Part No. - BCP69T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCP69T1G ONSEMI-BCP69T1G Datasheet
132Kb / 4P
   PNP Silicon Epitaxial Transistor
November, 2011 ??Rev. 11
BCP69T1G ONSEMI-BCP69T1G_11 Datasheet
132Kb / 4P
   PNP Silicon Epitaxial Transistor
November, 2011 ??Rev. 11
More results

Similar Description - BCP69T1G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com