Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC488BRL1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BC488BRL1
Description  High Current Transistors PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC488BRL1 Datasheet(HTML) 3 Page - ON Semiconductor

  BC488BRL1 Datasheet HTML 1Page - ON Semiconductor BC488BRL1 Datasheet HTML 2Page - ON Semiconductor BC488BRL1 Datasheet HTML 3Page - ON Semiconductor BC488BRL1 Datasheet HTML 4Page - ON Semiconductor BC488BRL1 Datasheet HTML 5Page - ON Semiconductor BC488BRL1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC488B
http://onsemi.com
3
Figure 2. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mA)
−200
−70
−50
−30
−20
−10
−7.0
−5.0
−3.0
−2.0
200
100
70
50
20
VCE = −2.0 V
TJ = 25°C
Figure 3. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
−100
−50
−20
−10
−5.0
−2.0
−1.0
−0.5
−0.2
−0.1
100
70
50
30
20
5.0
TJ = 25°C
Cobo
Cibo
10
Figure 4. Switching Time
IC, COLLECTOR CURRENT (mA)
−500
−50
−30
−20
−10
−7.0
−5.0
1.0 k
VCC = −40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
700
500
300
200
100
70
50
30
20
10
ts
tf
tr
td @ VBE(off) = −0.5 V
−100
7.0
−200
−100
−70
−300
30
Figure 5. Thermal Response
t, TIME (ms)
1.0
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
5.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
20k
50k
100
D = 0.5
0.2
0.1
0.02
0.01
SINGLE PULSE
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1 (SEE AN−469)
TJ(pk) − TC = P(pk) ZqJC(t)
TJ(pk) − TA = P(pk) ZqJA(t)
t1
t2
P(pk)
ZqJC(t) = r(t) • RqJC
ZqJA(t) = r(t) • RqJA
SINGLE PULSE


Similar Part No. - BC488BRL1

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC488 MICRO-ELECTRONICS-BC488 Datasheet
139Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Similar Description - BC488BRL1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC490 ONSEMI-BC490 Datasheet
249Kb / 6P
   High Current Transistors(PNP Silicon)
1996
BC636 ONSEMI-BC636 Datasheet
86Kb / 4P
   High Current Transistors(PNP Silicon)
June, 2000 ??Rev. 1
logo
Guangdong Kexin Industr...
FZT953 KEXIN-FZT953 Datasheet
38Kb / 2P
   PNP Silicon Planar High Current Transistors
FZT951 KEXIN-FZT951 Datasheet
38Kb / 2P
   PNP Silicon Planar High Current Transistors
logo
ON Semiconductor
MPSW51 ONSEMI-MPSW51 Datasheet
100Kb / 4P
   One Watt High Current Transistors PNP Silicon
March, 2006 ??Rev. 3
logo
Zetex Semiconductors
FZT948 ZETEX-FZT948 Datasheet
216Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT957 ZETEX-FZT957 Datasheet
101Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT955 ZETEX-FZT955 Datasheet
115Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Siemens Semiconductor G...
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
BC876 SIEMENS-BC876 Datasheet
170Kb / 4P
   PNP Silicon Darlington Transistors (High current gain High collector current)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com