Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6630-H Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT6630-H
Description  LCD Driver IC?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6630-H Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT6630-H Datasheet HTML 1Page - Princeton Technology Corp PT6630-H Datasheet HTML 2Page - Princeton Technology Corp PT6630-H Datasheet HTML 3Page - Princeton Technology Corp PT6630-H Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PT6630 v 1.0
1
Updated October 2000
LCD Driver IC
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6630
DESCRIPTION
PT6630 is a Common Dot Matrix LCD Driver utilizing CMOS Technology. It provides 80 bits bi-directional
shift register and a 4-level LCD Driver. Input/output pins for serial connections can be used to increase the
number of bits of PT6630 and can be used with the segment driver PT6601 to drive a wide screen LCD Panel.
Pin assignment and application circuit are optimized for easy PCB Layout and cost saving advantages.
FEATURES
• CMOS Technology
• 80 bits On-Chip Display Drive Circuit
• 1/64 to 1/256 Display Duty may be selected
• Supports Externally Supplied Bias Voltage
• On-Chip 80-bit Bi-Directional Shift Register
• Supports Single Mode (80-Bit Shift Register) Application: O1 -->O80, O80 -->O1
• Dual Mode (40-Bit x 2 Shift Register) Application: O1-->O40 and O41-->O80, O80-->O41 and
O40 -->O1
• Operating Power Supply: VDD (Logic Section): 5V + 10%
VDD-VEE (LCD Section): 12V to 32V
• Operating Temperature: -20 to +75oC
• Available in C.O.B. or 100-pin, QFP Package
APPLICATION
• Peripheral Device
ORDER INFORMATION
Valid Part Number
Package Type
PT6630
100 Pins, QFP Package
PT6630-H
C.O.B.


Similar Part No. - PT6630-H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6600 TI1-PT6600 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
logo
Bourns Electronic Solut...
PT66001 BOURNS-PT66001 Datasheet
129Kb / 1P
   ISDN S-Interface Transformer
PT66002 BOURNS-PT66002 Datasheet
147Kb / 1P
   T1 Transformer
PT66002L BOURNS-PT66002L Datasheet
147Kb / 1P
   T1 Transformer
More results

Similar Description - PT6630-H

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6526 PTC-PT6526 Datasheet
1Mb / 24P
   LCD Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
   LCD driver IC
logo
Princeton Technology Co...
PT6554 PTC-PT6554 Datasheet
671Kb / 6P
   LCD Driver IC
PT6524 PTC-PT6524_10 Datasheet
1Mb / 24P
   LCD Driver IC
PT6584 PTC-PT6584 Datasheet
558Kb / 42P
   LCD Driver IC
PT6520 PTC-PT6520_10 Datasheet
552Kb / 21P
   LCD Driver IC
PT6524 PTC-PT6524 Datasheet
466Kb / 7P
   LCD Driver IC
PT6520 PTC-PT6520 Datasheet
335Kb / 27P
   LCD Driver IC
PT6607 PTC-PT6607 Datasheet
67Kb / 5P
   LCD Driver IC?
PT6608 PTC-PT6608 Datasheet
71Kb / 5P
   LCD Driver IC?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com