Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UJA1076 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 20Page - NXP Semiconductors UJA1076 Datasheet HTML 21Page - NXP Semiconductors UJA1076 Datasheet HTML 22Page - NXP Semiconductors UJA1076 Datasheet HTML 23Page - NXP Semiconductors UJA1076 Datasheet HTML 24Page - NXP Semiconductors UJA1076 Datasheet HTML 25Page - NXP Semiconductors UJA1076 Datasheet HTML 26Page - NXP Semiconductors UJA1076 Datasheet HTML 27Page - NXP Semiconductors UJA1076 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
24 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
6.9 Interrupt output
Pin INTN is an active-LOW, open-drain interrupt output. It is driven LOW when at least
one interrupt is pending. An interrupt can be cleared by writing 1 to the corresponding bit
in the Int_Status register (Table 7). Clearing bit CWI in Standby mode only clears the
interrupt status bit and not the pending wake-up. The pending wake-up is cleared on
entering Normal mode and when the corresponding standby control bit (STBCC) is 0.
On devices that contain a watchdog, the Cyclic Interrupt (CI) is enabled when the
watchdog switches to Timeout mode while the SBC is in Standby mode or Normal mode
(provided WDOFF = LOW). A CI is generated if the watchdog overflows in Timeout mode.
The CI is provided to alert the microcontroller when the watchdog overflows in Timeout
mode. The CI will wake up the microcontroller from a
μC standby mode. After polling the
Int_Status register, the microcontroller will be aware that the application is in cyclic wake
up mode. It can then perform some checks on CAN before returning to the
μC standby
mode.
6.10 Temperature protection
The temperature of the SBC chip is monitored in Normal and Standby modes. If the
temperature is too high, the SBC will go to Overtemp mode, where the RSTN pin is driven
LOW and limp home is activated. In addition, the voltage regulators and the CAN
transmitter are switched off (see also Section 6.1.6 “Overtemp mode”). When the
temperature falls below the temperature shutdown threshold, the SBC will go to Standby
mode. The temperature shutdown threshold is between 165
°C and 200 °C.


Similar Part No. - UJA1076

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1076A NXP-UJA1076A Datasheet
341Kb / 47P
   High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1076ATW/3V3 NXP-UJA1076ATW/3V3 Datasheet
341Kb / 47P
   High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1076ATW/3V3/WD NXP-UJA1076ATW/3V3/WD Datasheet
341Kb / 47P
   High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1076ATW/5V0 NXP-UJA1076ATW/5V0 Datasheet
341Kb / 47P
   High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1076ATW/5V0/WD NXP-UJA1076ATW/5V0/WD Datasheet
341Kb / 47P
   High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
More results

Similar Description - UJA1076

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1076A NXP-UJA1076A Datasheet
341Kb / 47P
   High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1075 NXP-UJA1075 Datasheet
387Kb / 53P
   High-speed CAN/LIN core system basis chip
Rev. 02-27 May 2010
UJA1075A NXP-UJA1075A Datasheet
393Kb / 54P
   High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
UJA1078 NXP-UJA1078 Datasheet
389Kb / 53P
   High-speed CAN/dual LIN core system basis chip
Rev. 02-27 May 2010
UJA1078ATW PHILIPS-UJA1078ATW Datasheet
394Kb / 54P
   High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
UJA1078A NXP-UJA1078A Datasheet
394Kb / 54P
   High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
logo
NXP Semiconductors
UJA1169L NXP-UJA1169L Datasheet
526Kb / 74P
   Mini high-speed CAN companion system basis chip
Rev. 1 ??15 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com