Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UJA1076 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 18Page - NXP Semiconductors UJA1076 Datasheet HTML 19Page - NXP Semiconductors UJA1076 Datasheet HTML 20Page - NXP Semiconductors UJA1076 Datasheet HTML 21Page - NXP Semiconductors UJA1076 Datasheet HTML 22Page - NXP Semiconductors UJA1076 Datasheet HTML 23Page - NXP Semiconductors UJA1076 Datasheet HTML 24Page - NXP Semiconductors UJA1076 Datasheet HTML 25Page - NXP Semiconductors UJA1076 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
22 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
6.7.2 Split circuit
Pin SPLIT provides a DC stabilized voltage of 0.5VV2. It is activated in CAN Active mode
only. Pin SPLIT is floating in CAN Lowpower and Off modes. The VSPLIT circuit can be
used to stabilize the recessive common-mode voltage by connecting pin SPLIT to the
center tap of the split termination (see Figure 10).
A transceiver in the network that is not supplied and that generates a significant leakage
current from the bus lines to ground, can result in a recessive bus voltage of < 0.5VV2. In
this event, the split circuit will stabilize the recessive voltage at 0.5VV2. So a start of
transmission will not generate a step in the common-mode signal which would lead to
poor ElectroMagnetic Emission (EME) performance.
6.7.3 Fail-safe features
6.7.3.1
TXDC dominant time-out function
A TXDC dominant time-out timer is started when pin TXDC is forced LOW. If the LOW
state on pin TXDC persists for longer than the TXDC dominant time-out time (tto(dom)TXDC),
the transmitter will be disabled, releasing the bus lines to recessive state. This function
prevents a hardware and/or software application failure from driving the bus lines to a
permanent dominant state (blocking all network communications). The TXDC dominant
time-out timer is reset when pin TXDC goes HIGH. The TXDC dominant time-out time
also defines the minimum possible bit rate of 10 kbit/s.
6.7.3.2
Pull-up on TXDC pin
Pin TXDC has an internal pull-up towards VV1 to ensure a safe defined state in case the
pin is left floating.
6.8 Local wake-up input
The SBC provides 2 local wake-up pins (WAKE1 and WAKE2). The edge sensitivity
(falling, rising or both) of the wake-up pins can be configured independently via the WIC1
and WIC2 bits in the Int_Control register Table 6). These bits can also be used to disable
wake-up via the wake-up pins. When wake-up is enabled, a valid wake-up event on either
of these pins will cause a wake-up interrupt to be generated in Standby mode or Normal
Fig 10. Stabilization circuitry and application using the SPLIT pin
UJA1076
V2
CANL
SPLIT
CANH
60
Ω
60
Ω
R
R
GND
VSPLIT = 0.5 VCC
in normal mode;
otherwise floating
015aaa121


Similar Part No. - UJA1076

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1076A NXP-UJA1076A Datasheet
341Kb / 47P
   High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1076ATW/3V3 NXP-UJA1076ATW/3V3 Datasheet
341Kb / 47P
   High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1076ATW/3V3/WD NXP-UJA1076ATW/3V3/WD Datasheet
341Kb / 47P
   High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1076ATW/5V0 NXP-UJA1076ATW/5V0 Datasheet
341Kb / 47P
   High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1076ATW/5V0/WD NXP-UJA1076ATW/5V0/WD Datasheet
341Kb / 47P
   High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
More results

Similar Description - UJA1076

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1076A NXP-UJA1076A Datasheet
341Kb / 47P
   High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1075 NXP-UJA1075 Datasheet
387Kb / 53P
   High-speed CAN/LIN core system basis chip
Rev. 02-27 May 2010
UJA1075A NXP-UJA1075A Datasheet
393Kb / 54P
   High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
UJA1078 NXP-UJA1078 Datasheet
389Kb / 53P
   High-speed CAN/dual LIN core system basis chip
Rev. 02-27 May 2010
UJA1078ATW PHILIPS-UJA1078ATW Datasheet
394Kb / 54P
   High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
UJA1078A NXP-UJA1078A Datasheet
394Kb / 54P
   High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
logo
NXP Semiconductors
UJA1169L NXP-UJA1169L Datasheet
526Kb / 74P
   Mini high-speed CAN companion system basis chip
Rev. 1 ??15 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com