Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUT6.3X32 Datasheet(PDF) 1 Page - Schurter Inc.

Part # SUT6.3X32
Description  Cartridge Fuse, 6.3x32 mm, low resistance, up to 30 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

SUT6.3X32 Datasheet(HTML) 1 Page - Schurter Inc.

  SUT6.3X32 Datasheet HTML 1Page - Schurter Inc. SUT6.3X32 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Non resettable fuses
SUT 6.3x32
www.schurter.com/pg0_2
Fuses
Cartridge Fuse, 6.3x32 mm, low resistance, up to 30 A
UL 248-14 · 250VAC · Slow-Blow
Description
-Upto30A,lowresistance
-CeramicTube
Standards
-UL248-14
-CSAC22.2no.248.14
Approvals
-ULFileNumber:E184831
Applications
-Single-phasehighcurrentapplicationsupto30A
-Industrialelectronic
References
GeneralProductInformation
PigtailTypeSUT6.3x32Pigtail
CorrespondingFuseholderCQP
Weblinks
Approvals,RoHS,CHINA-RoHS,Distributor-Stock-Check,Accessories,
ProductChangeNotification(PCN)
Technical Data
RatedVoltage
250VAC
RatedCurrent
12-30A
BreakingCapacity
500A
Characteristic
Slow-Blow
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Tube
Ceramic
Material:Endcaps
Nickel-PlatedBrass
Material:Filler
Sand
UnitWeight
2.8g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Type,Current,Voltage,Approvals
Dimensions
32mm
 
31.8±1
Pre-Arcing Time
Rated Current In
.0 x In min.
.35 x In
max.
2.0 x In min. 2.0 x In max.
12 A - 30 A
4 h
60 min
5 s
60 s


Similar Part No. - SUT6.3X32

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SUT6.3X32 SCHURTER-SUT6.3X32 Datasheet
241Kb / 3P
   Cartridge Fuse, 6.3x32 mm, low resistance, up to 30 A
SUT6.3X32PIGTAIL SCHURTER-SUT6.3X32PIGTAIL Datasheet
244Kb / 3P
   Axial Lead Fuse, 6.3x32 mm, low resistance, up to 30 A
SUT6.3X32PIGTAIL SCHURTER-SUT6.3X32PIGTAIL Datasheet
285Kb / 3P
   Axial Lead Fuse, 6.3x32 mm, low resistance, up to 30 A
04.01.2022
SUT6.3X32PIGTAIL SCHURTER-SUT6.3X32PIGTAIL_V01 Datasheet
285Kb / 3P
   Axial Lead Fuse, 6.3x32 mm, low resistance, up to 30 A
04.01.2022
SUT6.3X32 SCHURTER-SUT6.3X32_18 Datasheet
241Kb / 3P
   Cartridge Fuse, 6.3x32 mm, low resistance, up to 30 A
More results

Similar Description - SUT6.3X32

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
80200603 SCHURTER-80200603 Datasheet
408Kb / 2P
   Cartridge Fuse, 6.3x32 mm, low resistance, up to 30 A
SUT6.3X32 SCHURTER-SUT6.3X32_18 Datasheet
241Kb / 3P
   Cartridge Fuse, 6.3x32 mm, low resistance, up to 30 A
SUT6.3X32PIGTAIL SCHURTER-SUT6.3X32PIGTAIL Datasheet
244Kb / 3P
   Axial Lead Fuse, 6.3x32 mm, low resistance, up to 30 A
80200603PT SCHURTER-80200603PT Datasheet
413Kb / 2P
   Axial Lead Fuse, 6.3x32 mm, low resistance, up to 30 A
SUT6.3X32PIGTAIL SCHURTER-SUT6.3X32PIGTAIL_V01 Datasheet
285Kb / 3P
   Axial Lead Fuse, 6.3x32 mm, low resistance, up to 30 A
04.01.2022
SHT6.3X32 SCHURTER-SHT6.3X32_V02 Datasheet
327Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
product selected for their own applications.
SHT6.3X32 SCHURTER-SHT6.3X32_V01 Datasheet
300Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
17.08.2020
SHT6.3X32 SCHURTER-SHT6.3X32_18 Datasheet
313Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
SHT6.3X32 SCHURTER-SHT6.3X32 Datasheet
278Kb / 3P
   Cartridge Fuse, 6.3x32 mm, 400 - 500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 1500 A
SHF6.3X32 SCHURTER-SHF6.3X32 Datasheet
258Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 440 - 500 VAC, 63 - 500 VDC 1-32 A, High Breaking Capacity up to 1500 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com