Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6601 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT6601
Description  LCD Driver IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6601 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT6601 Datasheet HTML 1Page - Princeton Technology Corp PT6601 Datasheet HTML 2Page - Princeton Technology Corp PT6601 Datasheet HTML 3Page - Princeton Technology Corp PT6601 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PT6601 v1.0
3
Updated October 2000
LCD Driver IC
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6601
APPLICATION CIRCUIT
Note: VDD=5V, VEE=-20V, V1=5V, V2=3.4V, V3=1.5V, V4=-16.8V, V5=-18.4V


Similar Part No. - PT6601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6601 TI-PT6601 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6601 TI1-PT6601 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
logo
Bourns Electronic Solut...
PT66011 BOURNS-PT66011 Datasheet
142Kb / 1P
   ISDN S-Interface Transformer Module
PT66011A BOURNS-PT66011A Datasheet
142Kb / 1P
   ISDN S-Interface Transformer Module
PT66011AL BOURNS-PT66011AL Datasheet
142Kb / 1P
   ISDN S-Interface Transformer Module
More results

Similar Description - PT6601

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6526 PTC-PT6526 Datasheet
1Mb / 24P
   LCD Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
   LCD driver IC
logo
Princeton Technology Co...
PT6554 PTC-PT6554 Datasheet
671Kb / 6P
   LCD Driver IC
PT6524 PTC-PT6524_10 Datasheet
1Mb / 24P
   LCD Driver IC
PT6584 PTC-PT6584 Datasheet
558Kb / 42P
   LCD Driver IC
PT6520 PTC-PT6520_10 Datasheet
552Kb / 21P
   LCD Driver IC
PT6524 PTC-PT6524 Datasheet
466Kb / 7P
   LCD Driver IC
PT6520 PTC-PT6520 Datasheet
335Kb / 27P
   LCD Driver IC
PT6607 PTC-PT6607 Datasheet
67Kb / 5P
   LCD Driver IC?
PT6608 PTC-PT6608 Datasheet
71Kb / 5P
   LCD Driver IC?
PT6630 PTC-PT6630 Datasheet
79Kb / 4P
   LCD Driver IC?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com