Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC233920682 Datasheet(PDF) 19 Page - Vishay Siliconix

Part # BFC233920682
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233920682 Datasheet(HTML) 19 Page - Vishay Siliconix

Back Button BFC233920682 Datasheet HTML 13Page - Vishay Siliconix BFC233920682 Datasheet HTML 14Page - Vishay Siliconix BFC233920682 Datasheet HTML 15Page - Vishay Siliconix BFC233920682 Datasheet HTML 16Page - Vishay Siliconix BFC233920682 Datasheet HTML 17Page - Vishay Siliconix BFC233920682 Datasheet HTML 18Page - Vishay Siliconix BFC233920682 Datasheet HTML 19Page - Vishay Siliconix BFC233920682 Datasheet HTML 20Page - Vishay Siliconix BFC233920682 Datasheet HTML 21Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
MKP 339 X2
Vishay BCcomponents
Interference Suppression Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28138
322
Revision: 31-Aug-09
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
4.12.3 Final measurements
Visual examination
Capacitance
Tangent of loss angle
Voltage proof
1350 Vdc; 1 min between terminations
Insulation resistance
No visible damage
Legible marking
¦
ΔC/C¦ ≤ 5 % of the value measured in
4.12.1.
Increase of tan
δ:
≤ 0.008 for: C ≤ 1 µF or
≤ 0.005 for: C > 1 µF
Compared to values measured in 4.12.1.
No permanent breakdown or flash-over
≥ 50 % of values specified in section
“Insulation Resistance” of this specification
SUB-GROUP C3
4.13.1 Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 1 µF at 10 kHz
For C > 1 µF at 1 kHz
4.13 Impulse voltage
3 successive impulses, full wave, peak
voltage:
X2: 2.5 kV for C
≤ 1 µF
X2: 2.5 kV/
√C for C > 1 µF
Max. 24 pulses
No self healing breakdowns or flash-over
4.14 Endurance
Duration: 1000 h
1.25 x URac at 110 °C
Once in every hour the voltage is increased
to 1000 Vrms for 0.1 s via resistor of
47
Ω ± 5 %
4.14.7 Final measurements
Visual examination
Capacitance
Tangent of loss angle
Voltage proof
1350 Vdc; 1 min between
terminations.
2120 Vac; 1 min between terminations
and case.
Insulation resistance
No visible damage
Legible marking
¦
ΔC/C¦ ≤ 10 % compared to values measured
in 4.13.1.
Increase of tan
δ:
≤ 0.008 for: C ≤ 1 µF or
≤ 0.005 for: C > 1 µF
Compared to values measured in 4.13.1.
No permanent breakdown or flash-over
≥ 50 % of values specified in section
“Insulation Resistance” of this specification


Similar Part No. - BFC233920682

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233920 VISHAY-BFC233920 Datasheet
240Kb / 21P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Oct-08
BFC233920103 VISHAY-BFC233920103 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233920104 VISHAY-BFC233920104 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233920225 VISHAY-BFC233920225 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233920334 VISHAY-BFC233920334 Datasheet
190Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 10-Jul-13
More results

Similar Description - BFC233920682

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com