Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PT6355 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part No. PT6355
Description  VFD Driver/Controller IC
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PTC [Princeton Technology Corp]
Homepage  http://www.princeton.com.tw
Logo 

   
 1 page
background image
PT6355 v1.3
1
Updated November 2000
VFD Driver/Controller IC
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6355
DESCRIPTION
PT6355 is a Vacuum Fluorescent Display Controller driven 5/16, 6/16, 14/16 and 15/16 duty factors. Eight to
Eighteen Segment Output Lines, Seven to Ten Grid Output Lines, Ten Segment/Grid Output Drive Lines, 8-bit
x 6-channel A-D Converter, Built-in Noise Filter are all incorporated into a single chip to build a highly reliable
peripheral device for a single chip micro-computer. PT6355 also provides 4 serial interfaces via the CS, SIN,
SOUT, SCLK Pins. Housed in 44-pin, LQFP Package, PT6355’s pin assignment and application circuit are
optimized for easy PCB layout and cost saving benefits.
FEATURES
• CMOS Technology
• Internal Pull-Low Resistor
• 4-Step Dimming Circuitry
• 8 to 18 Segment Outputs
• 7 to 10 Grid Outputs
• Built-in Noise Filter in Serial Clock and Serial Input Pins with 2MHz sampling
• 8-bit x 6 channels Analog-to-Digital Converter with + 3LSB Accuracy
• Available in 44-pin, LQFP Package
APPLICATION
• Micro-Computer Peripheral Device




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PT6351VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TP6311QG1/8 - 1/16 DUTY VFD CONTROLLER / DRIVER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M66004SP16-DIGIT 5x7-SEGMENT VFD CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LC75710NEDot Matrix VFD Display Controller/Driver 1 2 3 4 5 MoreSanyo Semicon Device
STM863121/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreSTMicroelectronics
MSM5267B-1533-BIT VFD SEGMENT DRIVER 1 2 3 4 5 MoreOKI electronic componets
MC68HC05M6microcomputer unit with VFD drive capacity 1 2 Motorola, Inc
LC75725E1/4 to 1/11 Duty Dynamic Drive VFD Driver 1 2 3 4 5 MoreSanyo Semicon Device
NJU342616-SEGMENT X 15-Digit VFD CONTROLLER / DRIVER 1 2 3 4 5 MoreNew Japan Radio

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl