Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PT6355 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part No. PT6355
Description  VFD Driver/Controller IC
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PTC [Princeton Technology Corp]
Homepage  http://www.princeton.com.tw
Logo 

   
 3 page
background image
PT6355 v1.3
3
Updated November 2000
VFD Driver/Controller IC
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6355
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
-27V
MC U
330
10K
5V
G4
G3
G2
G1
S11
S1 0
S9
S8
S7
S6
S5
S4
S3
S2
S1
S1 2
S1 3
S1 4
S1 5
S1 6
S1 7
S1 8
G7
G6
G5
5V
22P F
VR
VR
5V
5V
100K
300K
680K
100K
100K
100K
100K
5V
P T 6 355
APPLICATION CIRCUIT




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PT6351VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TP6311QG1/8 - 1/16 DUTY VFD CONTROLLER / DRIVER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M66004SP16-DIGIT 5x7-SEGMENT VFD CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LC75710NEDot Matrix VFD Display Controller/Driver 1 2 3 4 5 MoreSanyo Semicon Device
STM863121/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreSTMicroelectronics
MSM5267B-1533-BIT VFD SEGMENT DRIVER 1 2 3 4 5 MoreOKI electronic componets
MC68HC05M6microcomputer unit with VFD drive capacity 1 2 Motorola, Inc
LC75725E1/4 to 1/11 Duty Dynamic Drive VFD Driver 1 2 3 4 5 MoreSanyo Semicon Device
NJU342616-SEGMENT X 15-Digit VFD CONTROLLER / DRIVER 1 2 3 4 5 MoreNew Japan Radio

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl