Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7485A Datasheet(PDF) 2 Page - ON Semiconductor

Part # ADT7485A
Description  Temperature Sensor and Voltage Monitor with Simple Serial Transport
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7485A Datasheet(HTML) 2 Page - ON Semiconductor

  ADT7485A Datasheet HTML 1Page - ON Semiconductor ADT7485A Datasheet HTML 2Page - ON Semiconductor ADT7485A Datasheet HTML 3Page - ON Semiconductor ADT7485A Datasheet HTML 4Page - ON Semiconductor ADT7485A Datasheet HTML 5Page - ON Semiconductor ADT7485A Datasheet HTML 6Page - ON Semiconductor ADT7485A Datasheet HTML 7Page - ON Semiconductor ADT7485A Datasheet HTML 8Page - ON Semiconductor ADT7485A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADT7485A
http://onsemi.com
2
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Supply Voltage (VCC)
4.0
V
Voltage on 12 V Pin
16
V
Voltage on 5.0 V Pin
7.0
V
Voltage on 2.5 V and VCCP Pins
3.6
V
Voltage on Any Other Pin (Including SST Pin)
−0.3 to +3.6
V
Input Current at Any Pin
±5.0
mA
Package Input Current
±20
mA
Maximum Junction Temperature (TJ Max)
150
°C
Storage Temperature Range
−65 to +150
°C
Lead Temperature, Soldering
IR Peak Re−flow Temperature
Lead Temperature (10 sec)
260
300
°C
ESD Rating
1500
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device is ESD sensitive. Use standard ESD precautions when handling.
THERMAL CHARACTERISTICS
Package Type
qJA
qJC
Unit
10−Lead MSOP
206
44
°C/W
NOTE: qJA is specified for the worst−case conditions, that is, a device soldered in a circuit board for surface−mount packages.
PIN ASSIGNMENT
Pin No.
Mnemonic
Type
Description
1
VCC
Power supply
3.3 V ±10%. VCC is also monitored through this pin.
2
GND
Ground
Ground Pin.
3
D1+
Analog input
Positive Connection to Remote 1 Temperature Sensor.
4
D1−
Analog input
Negative Connection to Remote 1 Temperature Sensor.
5
12 V
Analog input
12 V Supply Monitor.
6
5.0 V
Analog input
5.0 V Supply Monitor.
7
VCCP
Analog input
Processor Core Voltage Monitor.
8
2.5 V
Analog input
2.5 V Supply Monitor.
9
ADD
Digital input
SST Address Select.
10
SST
Digital input/output
SST Bidirectional Data Line.


Similar Part No. - ADT7485A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7485AARMZ-REEL AD-ADT7485AARMZ-REEL Datasheet
404Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7485AARMZ-REEL7 AD-ADT7485AARMZ-REEL7 Datasheet
404Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
More results

Similar Description - ADT7485A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM75 ONSEMI-LM75 Datasheet
150Kb / 12P
   2-Wire Serial Temperature Sensor and Monitor
February, 2000 ??Rev. 0
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
TelCom Semiconductor, I...
TCN75 TELCOM-TCN75 Datasheet
259Kb / 10P
   2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
logo
Microchip Technology
TCN75 MICROCHIP-TCN75 Datasheet
583Kb / 20P
   2-Wire Serial Temperature Sensor and Thermal Monitor
2006
TCN75 MICROCHIP-TCN75_13 Datasheet
447Kb / 20P
   2-Wire Serial Temperature Sensor and Thermal Monitor
11/29/12
logo
Linear Technology
LTC2995 LINER-LTC2995_15 Datasheet
233Kb / 20P
   Temperature Sensor and Dual Voltage Monitor with Alert Outputs
logo
ON Semiconductor
ADT7488A ONSEMI-ADT7488A Datasheet
344Kb / 12P
   SST Digital Temperature Sensor and Voltage Monitor
December, 2009 ??Rev. 4
logo
Analog Devices
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
   Temperature and voltage monitor
August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com