Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7476AARQZ Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADT7476AARQZ
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ Datasheet(HTML) 4 Page - ON Semiconductor

  ADT7476AARQZ Datasheet HTML 1Page - ON Semiconductor ADT7476AARQZ Datasheet HTML 2Page - ON Semiconductor ADT7476AARQZ Datasheet HTML 3Page - ON Semiconductor ADT7476AARQZ Datasheet HTML 4Page - ON Semiconductor ADT7476AARQZ Datasheet HTML 5Page - ON Semiconductor ADT7476AARQZ Datasheet HTML 6Page - ON Semiconductor ADT7476AARQZ Datasheet HTML 7Page - ON Semiconductor ADT7476AARQZ Datasheet HTML 8Page - ON Semiconductor ADT7476AARQZ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
ADT7476A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted. (Note 1)
Parameter
Conditions
Min
Typ
Max
Unit
Power Supply
Supply Voltage
3.0
3.3
3.6
V
Supply Current, ICC
Interface inactive, ADC active
1.5
3.0
mA
Temperature−to−Digital Converter
Local Sensor Accuracy
Resolution
0°C ≤ TA ≤ 85°C
−40°C ≤ TA ≤ 125°C
±0.5
0.25
±1.5
±2.5
°C
Remote Diode Sensor Accuracy
Resolution
0°C ≤ TA ≤ 85°C
−40°C ≤ TA ≤ 125°C
±0.5
0.25
±1.5
±2.5
°C
Remote Sensor Source Current
Low level
High level
11
180
mA
Analog−to−Digital Converter (Including MUX and Attentuators)
Total Unadjusted Error (TUE)
For 12 V channel
For all other channels
±2
±1.5
%
Differential Non−linearity (DNL)
8 bits
±1
LSB
Power Supply Sensitivity
±0.1
%/V
Conversion Time
Voltage Input
Local Temperature
Remote Temperature
Averaging enabled
11
12
38
ms
Total Monitoring Cycle Time
Averaging enabled
Averaging disabled
145
19
ms
Input Resistance
For VCCP channel
For all other channels
70
70
200
114
kW
Fan RPM−To−Digital Converter
Accuracy
0°C ≤ TA ≤ 70°C
−40°C ≤ TA ≤ +120°C
±6
±10
%
Full−Scale Count
65,535
Nominal Input RPM
Fan count = 0xBFFF
Fan count = 0x3FFF
Fan count = 0x0438
Fan count = 0x021C
109
329
5000
10,000
RPM
Open−Drain Digital Outputs, PWM1 TO PWM3, XTO
Current Sink, IOL
8.0
mA
Output Low Voltage, VOL
IOUT = −8.0 mA
0.4
V
High Level Output Current, IOH
VOUT = VCC
0.1
20
mA
Open−Drain Serial Data Bus Output (SDA)
Output Low Voltage, VOL
IOUT = −4.0 mA
0.4
V
High Level Output Current, IOH
VOUT = VCC
0.1
1.0
mA
SMBus Digital Inputs (SCL, SDA) (Note 2)
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
Hysteresis
500
mV
Digital Input Logic Levels (TACH Inputs)
Input High Voltage, VIH
Maximum input voltage
2.0
5.5
V
Input Low Voltage, VIL
Minimum input voltage
−0.3
0.8
V
Hysteresis
0.5
V p−p


Similar Part No. - ADT7476AARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7476AARQZ AD-ADT7476AARQZ Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7476AARQZ-R ONSEMI-ADT7476AARQZ-R Datasheet
541Kb / 69P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
logo
Analog Devices
ADT7476AARQZ-REEL AD-ADT7476AARQZ-REEL Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADT7476AARQZ-REEL7 AD-ADT7476AARQZ-REEL7 Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
More results

Similar Description - ADT7476AARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7476 AD-ADT7476 Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
ADT7468 AD-ADT7468 Datasheet
1,021Kb / 80P
   dBCool??Remote Thermal Controller and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADM1027 ONSEMI-ADM1027 Datasheet
1Mb / 56P
   dBCOOL??Remote Thermal Controller and Voltage Monitor
May 2010 - Rev. 3
ADT7476 ONSEMI-ADT7476 Datasheet
620Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 6
logo
Analog Devices
ADT7466 AD-ADT7466 Datasheet
1Mb / 48P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADT7476A AD-ADT7476A Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADM1027 AD-ADM1027 Datasheet
1,008Kb / 56P
   dBCOOL-TM Remote Thermal Controller and Voltage Monitor
REV. A
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com