Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PT6351 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part No. PT6351
Description  VFD Driver/Controller IC
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PTC [Princeton Technology Corp]
Homepage  http://www.princeton.com.tw
Logo 

   
 1 page
background image
PT6351 pre 1.1
1
Updated February 2000
VFD Driver/Controller IC
Preliminary
PT6351
Princeton Technology Corp.
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
DESCRIPTION
PT6351 is a Vacuum Fluorescent Display Driver IC utilizing CMOS Technology. 28 High Voltage Ports, 17 All
Purpose I/O Ports, 9 LED ports, Auto Scan Operation, 4-line Serial Signal (with chip selector), 8 DGT x 8 SG
to 16 DGT x 12 SG are all incorporated into a single chip to build a highly reliable peripheral device for a single
chip microcomputer. It is housed in 44-pin LQFP Package and is functionally
compatible with MN12510F.
FEATURES
• CMOS Technology
• 28 High Voltage Output Ports: 8 to 16 Digit Ports
8 to 16 Segment Ports
• 17 All-Purpose I/O Ports
• 9 LED Drive Capable Ports
• Display Modes: 8 DGT x 8 SG to 16 DGT x 12 SG or up to 12 DGT x 16 SG
• 32 Bytes Display Data
• Key Scan Input: 5x12 (max.)
• Display ON/OFF Control
• Auto Scan Operation
• Power ON Reset Circuit
• Supply Voltage: Digital Section: VDD = 4.5 to 5.5 V
High Voltage: Vpp = VDD - 35 V
• Available in 44-pin, LQFP Package
• Functionally Compatible with MN12510F
APPLICATION
• Peripheral Device for Micro-Computer




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PT6355VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TP6311QG1/8 - 1/16 DUTY VFD CONTROLLER / DRIVER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M66004SP16-DIGIT 5x7-SEGMENT VFD CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LC75710NEDot Matrix VFD Display Controller/Driver 1 2 3 4 5 MoreSanyo Semicon Device
STM863121/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreSTMicroelectronics
MSM5267B-1533-BIT VFD SEGMENT DRIVER 1 2 3 4 5 MoreOKI electronic componets
MC68HC05M6microcomputer unit with VFD drive capacity 1 2 Motorola, Inc
LC75725E1/4 to 1/11 Duty Dynamic Drive VFD Driver 1 2 3 4 5 MoreSanyo Semicon Device
NJU342616-SEGMENT X 15-Digit VFD CONTROLLER / DRIVER 1 2 3 4 5 MoreNew Japan Radio

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl