Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PT6351 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part No. PT6351
Description  VFD Driver/Controller IC
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PTC [Princeton Technology Corp]
Homepage  http://www.princeton.com.tw
Logo 

   
 3 page
background image
PT6351 pre 1.1
3
Updated February 2000
VFD Driver/Controller IC
Preliminary
PT6351
Princeton Technology Corp.
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
APPLICATION CIRCUIT
330
330
330
330
56K
56K
56K
56K
-V E E
G1 2 G11 G 1 0 G9 G8 G7 G6 G5
G4 G3 G2 G 1
-V E E
VDD
30P
30P
4M H z
S 1 S 2 S3 S4 S5 S6 S 7 S 8 S9 S1 0 S11 S1 2
MC U
-V E E
P T 63 51
12-G R ID x 12-S E G M E N T V F D
1N 4148
1N 4148
1N 4148
1N 4148




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PT6355VFD Driver/Controller IC 1 2 3 Princeton Technology Corp
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TP6311QG1/8 - 1/16 DUTY VFD CONTROLLER / DRIVER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M66004SP16-DIGIT 5x7-SEGMENT VFD CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LC75710NEDot Matrix VFD Display Controller/Driver 1 2 3 4 5 MoreSanyo Semicon Device
STM863121/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreSTMicroelectronics
MSM5267B-1533-BIT VFD SEGMENT DRIVER 1 2 3 4 5 MoreOKI electronic componets
MC68HC05M6microcomputer unit with VFD drive capacity 1 2 Motorola, Inc
LC75725E1/4 to 1/11 Duty Dynamic Drive VFD Driver 1 2 3 4 5 MoreSanyo Semicon Device
NJU342616-SEGMENT X 15-Digit VFD CONTROLLER / DRIVER 1 2 3 4 5 MoreNew Japan Radio

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl