Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7473ARQZ-RL7 Datasheet(PDF) 11 Page - ON Semiconductor

Part # ADT7473ARQZ-RL7
Description  dBCOOL Remote Thermal Monitor and Fan Control
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7473ARQZ-RL7 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button ADT7473ARQZ-RL7 Datasheet HTML 7Page - ON Semiconductor ADT7473ARQZ-RL7 Datasheet HTML 8Page - ON Semiconductor ADT7473ARQZ-RL7 Datasheet HTML 9Page - ON Semiconductor ADT7473ARQZ-RL7 Datasheet HTML 10Page - ON Semiconductor ADT7473ARQZ-RL7 Datasheet HTML 11Page - ON Semiconductor ADT7473ARQZ-RL7 Datasheet HTML 12Page - ON Semiconductor ADT7473ARQZ-RL7 Datasheet HTML 13Page - ON Semiconductor ADT7473ARQZ-RL7 Datasheet HTML 14Page - ON Semiconductor ADT7473ARQZ-RL7 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
ADT7473
http://onsemi.com
11
R/W
0
SCL
SDA
10
1
1
1
0
D7
D6
D5
D4
D3
D2
D1
D0
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
1
1
9
ACK. BY
ADT7473/ADT7473−1
9
ACK. BY
ADT7473/ADT7473−1
Figure 18. Writing to the Address Pointer Register Only
Figure 19. Reading Data from a Previously Selected Register
R/W
0
SCL
SDA
10
1
1
1
0
D7
D6
D5
D4
D3
D2
D1
D0
NO ACK. BY
MASTER
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
DATA BYTE FROM ADT7473
1
1
9
ACK. BY
ADT7473/ADT7473−1
9
It is possible to read a data byte from a data register
without first writing to the address pointer register, if the
address pointer register is already at the correct value.
However, it is not possible to write data to a register without
writing to the address pointer register, because the first data
byte of a write is always written to the address pointer
register.
In addition to supporting the send byte and receive byte
protocols, the ADT7473/ADT7473−1 also supports the read
byte protocol. (See System Management Bus (SMBus)
Specifications Version 2 for more information; this
document is available from Intel.)
If several read or write operations must be performed in
succession, the master can send a repeat start condition
instead of a stop condition to begin a new operation.
Write Operations
The SMBus specification defines several protocols for
various read and write operations. The ADT7473/
ADT7473−1 uses the following SMBus write protocols. The
following abbreviations are used in the diagrams:
S—Start
P—Stop
R—Read
W—Write
A—Acknowledge
A—No Acknowledge
Send Byte
In this operation, the master device sends a single
command byte to a slave device, as follows:
1. The master device asserts a start condition on
SDA.
2. The master sends the 7−bit slave address followed
by the write bit (active low).
3. The addressed slave device asserts ACK on SDA.
4. The master sends a command code.
5. The slave asserts ACK on SDA.
6. The master asserts a stop condition on SDA and
the transaction ends.
For the ADT7473/ADT7473−1, the send byte protocol is
used to write a register address to RAM for a subsequent
single−byte read from the same address. This operation is
illustrated in Figure 20.
Figure 20. Setting a Register Address for
Subsequent Read
SLAVE
ADDRESS
WA
SA P
REGISTER
ADDRESS
23
15 6
4
If the master is required to read data from the register
immediately after setting up the address, it can assert a repeat
start condition immediately after the final ACK and carry
out a single−byte read without asserting an intermediate stop
condition.
Write Byte
In this operation, the master device sends a command byte
and one data byte to the slave device, as follows:
1. The master device asserts a start condition on SDA.
2. The master sends the 7−bit slave address followed
by the write bit (active low).
3. The addressed slave device asserts ACK on SDA.
4. The master sends a command code.
5. The slave asserts ACK on SDA.
6. The master sends a data byte.
7. The slave asserts ACK on SDA.
8. The master asserts a stop condition on SDA, and
the transaction ends.
The single byte write operation is illustrated in Figure 21.
Figure 21. Single−Byte Write to a Register
SLAVE
ADDRESS W A
DATA
SA
A P
REGISTER
ADDRESS
23
15
6
7 8
4


Similar Part No. - ADT7473ARQZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7473ARQZ-REEL AD-ADT7473ARQZ-REEL Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473ARQZ-REEL ONSEMI-ADT7473ARQZ-REEL Datasheet
627Kb / 73P
   Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
ADT7473ARQZ-REEL ONSEMI-ADT7473ARQZ-REEL Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
logo
Analog Devices
ADT7473ARQZ-REEL7 AD-ADT7473ARQZ-REEL7 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
More results

Similar Description - ADT7473ARQZ-RL7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
logo
Analog Devices
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
ADT7467 ONSEMI-ADT7467 Datasheet
938Kb / 77P
   dBCool Remote Thermal Monitor and Fan Controller
January 2008 ??Rev. 3
logo
Analog Devices
ADT7475 AD-ADT7475 Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473_16 Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
ADT7473 ONSEMI-ADT7473_15 Datasheet
627Kb / 73P
   Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com