Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2058302-2 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 2058302-2
Description  Hermaphroditic Blade and Receptacle Connector - Wire-to-Board, Board-to-Board and Dust Cover
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2058302-2 Datasheet(HTML) 6 Page - Tyco Electronics

  2058302-2 Datasheet HTML 1Page - Tyco Electronics 2058302-2 Datasheet HTML 2Page - Tyco Electronics 2058302-2 Datasheet HTML 3Page - Tyco Electronics 2058302-2 Datasheet HTML 4Page - Tyco Electronics 2058302-2 Datasheet HTML 5Page - Tyco Electronics 2058302-2 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FOR MORE INFORMATION
www.tycoelectronics.com/lighting
Technical Support
Internet:
www.tycoelectronics.com/help
USA:
+1 (800) 522-6752
Canada:
+1 (905) 470-4425
Mexico & Central America:
+ 52(0) 55-1106-0814
South America:
+55 (0) 11-2103-6000
Germany:
+49 (0) 6251-133-1999
UK:
+44 (0) 8706-080208
France:
+33 (0) 1-3420-8686
Netherlands:
+31 (0) 73-6246-999
China:
+86 (0) 400-820-6015
Tyco Electronics Corporation
Harrisburg, PA
tycoelectronics.com
© 2009 Tyco Electronics Corporation
6-1773454-3 5M F/P 4/2009
AMP-O-LECTRIC, TE logo and Tyco Electronics are trademarks.
Other products, logos and company names mentioned
herein may be trademarks of their respective owners.
While Tyco Electronics has made every reasonable effort to ensure the accuracy of the information in this catalog, Tyco Electronics does
not guarantee that it is error-free, nor does Tyco Electronics make any other representation, warranty or guarantee that the information is
accurate, correct, reliable or current. Tyco Electronics reserves the right to make any adjustments to the information contained herein at any
time without notice. Tyco Electronics expressly disclaims all implied warranties regarding the information contained herein, including, but
not limited to, any implied warranties of merchantability or fitness for a particular purpose. The dimensions in this catalog are for reference
purposes only and are subject to change without notice. Specifications are subject to change without notice. Consult Tyco Electronics for
the latest dimensions and design specifications.


Similar Part No. - 2058302-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2058302-2 TEC-2058302-2 Datasheet
709Kb / 6P
   Hermaphroditic Blade and Receptacle Connector
More results

Similar Description - 2058302-2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44245-0010 MOLEX-44245-0010 Datasheet
346Kb / 2P
   Board-to-Board Connector Hermaphroditic
logo
TE Connectivity Ltd
C-1971567 TEC-C-1971567 Datasheet
263Kb / 2P
   MINIATURE HERMAPHRODITIC BOARD TO BOARD CONNECTOR
C-2213611 TEC-C-2213611 Datasheet
338Kb / 2P
   MINIATURE HERMAPHRODITIC BOARD TO BOARD CONNECTOR
logo
Molex Electronics Ltd.
0442450050 MOLEX6-0442450050 Datasheet
321Kb / 4P
   1.27mm (.050") Pitch SliderZ Board-to-Board Connector, Hermaphroditic
0442450010 MOLEX6-0442450010 Datasheet
321Kb / 4P
   1.27mm (.050") Pitch SliderZ Board-to-Board Connector, Hermaphroditic
logo
TE Connectivity Ltd
6-1773454-3 TEC-6-1773454-3 Datasheet
709Kb / 6P
   Hermaphroditic Blade and Receptacle Connector
logo
Molex Electronics Ltd.
0442450030 MOLEX6-0442450030 Datasheet
321Kb / 4P
   1.27mm (.050") Pitch SliderZ Board-to-Board Connector, Hermaphroditic
0442450020 MOLEX6-0442450020 Datasheet
321Kb / 4P
   1.27mm (.050") Pitch SliderZ Board-to-Board Connector, Hermaphroditic
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Molex Electronics Ltd.
0442450060 MOLEX6-0442450060 Datasheet
321Kb / 4P
   1.27mm (.050") Pitch SliderZ??Board-to-Board Connector, Hermaphroditic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com