Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41501029002 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 41501029002
Description  Power Relay 415
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

41501029002 Datasheet(HTML) 1 Page - Tyco Electronics

  41501029002 Datasheet HTML 1Page - Tyco Electronics 41501029002 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Relay 415
2 pole 16 A
Contact data
Configuration
2 N/O contacts
Type of contact
single contact
Rated current
16 A
Rated voltage / max.breaking voltage AC
250 Vac / 440 Vac
Max. breaking voltage DC
250 Vdc
Maximum breaking capacity AC
4000 VA
Make current (max. 4 s at duty cycle 10%)
25 A
Peak inrush current 20 msw
25 A
Contact material
AgCdO
Features
· 2 N/O contacts, 16 A
· Fast-on connectors 6.3 x 0.8 mm
· Contact gap > 3 mm
· 4 kV / 8 mm coil-contact
Applications
Power Supplies, domestic appliances, heating controls
V KSND
Coil versions DC-coil
Coil
Nominal
Pull-in
Release
Maximum
Coil
Coil
code
voltage
voltage
voltage
voltage
resistance
current
Vdc
Vdc
Vdc
Vdc
c
mA
031
12
7.0
0.9
14.5
125+10%
96.0
029
24
14.0
1.8
39.0
435+10%
55.2
025
220
130.0
11.0
323.0
32800+15%
6.7
All figures are given for coil without preenergization, at ambient temperature +20°C
Other coil voltages on request
Contact ratings
Type
Load
Operations
41501 / 04
16 A, 250 Vac, cosj=1
1x105
Coil data
Nominal voltage
DC coil
12...220 Vdc
AC coil
24...380 Vdc
Nominal coil power
DC coil
1.3 W
AC coil
2.8 VA
Operate category
1 / b


Similar Part No. - 41501029002

ManufacturerPart #DatasheetDescription
logo
Lapp.
4150102 LAPP-4150102 Datasheet
314Kb / 4P
   MULTI-STANDARD SC 2.2
13.01.2017
More results

Similar Description - 41501029002

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RPC-1C-48-S ADAM-TECH-RPC-1C-48-S Datasheet
89Kb / 1P
   POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
   POWER RELAY
RPM-1C-P-5 ADAM-TECH-RPM-1C-P-5 Datasheet
88Kb / 1P
   POWER RELAY
RPN-1A-P-12 ADAM-TECH-RPN-1A-P-12 Datasheet
91Kb / 1P
   POWER RELAY
RPN-N3-1C-P-X ADAM-TECH-RPN-N3-1C-P-X Datasheet
94Kb / 1P
   POWER RELAY
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
   Power Relay
logo
Omron Electronics LLC
G6RN1DC12 OMRON-G6RN1DC12 Datasheet
393Kb / 6P
   Power Relay
logo
CUI INC
PR19 CUI-PR19 Datasheet
446Kb / 5P
   POWER RELAY
08/09/2022
PR5 CUI-PR5 Datasheet
448Kb / 4P
   POWER RELAY
08/15/2022
PR13 CUI-PR13 Datasheet
445Kb / 5P
   POWER RELAY
08/15/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com