Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7421ARMZ-RL7 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADT7421ARMZ-RL7
Description  Precision Temperature Sensor with Beta Compensation (for <45 nm Geometries)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7421ARMZ-RL7 Datasheet(HTML) 4 Page - ON Semiconductor

  ADT7421ARMZ-RL7 Datasheet HTML 1Page - ON Semiconductor ADT7421ARMZ-RL7 Datasheet HTML 2Page - ON Semiconductor ADT7421ARMZ-RL7 Datasheet HTML 3Page - ON Semiconductor ADT7421ARMZ-RL7 Datasheet HTML 4Page - ON Semiconductor ADT7421ARMZ-RL7 Datasheet HTML 5Page - ON Semiconductor ADT7421ARMZ-RL7 Datasheet HTML 6Page - ON Semiconductor ADT7421ARMZ-RL7 Datasheet HTML 7Page - ON Semiconductor ADT7421ARMZ-RL7 Datasheet HTML 8Page - ON Semiconductor ADT7421ARMZ-RL7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADT7421
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = −40°C to +125°C, VDD = 3.0 V to 3.6 V, unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
Power Supply
Supply Voltage, VDD
3.0
3.30
3.6
V
Average Operating Supply Current, IDD
0.0625 Conversions/Sec Rate (Note 1)
3.0
4.0
mA
Standby Mode Supply Current
−40°C ≤ TA ≤ +85°C
−40°C ≤ TA ≤ +125°C
10
20
mA
Power-On-Reset Threshold
1.0
2.8
V
Temperature−To−Digital Converter
Local Sensor Accuracy
0°C ≤ TA ≤ +125°C
±2.75
°C
Resolution
1.0
°C
Remote Transistor Sensor Accuracy
+40°C ≤ TA ≤ +85°C, +60°C ≤ TD ≤ +110°C (Note 2)
+25°C ≤ TA ≤ +85°C, +60°C ≤ TD ≤ +110°C (Note 2)
TA = +40°C, +60°C ≤ TD ≤ +110°C (Note 2)
±2.5
±3.25
±1.75
°C
Resolution
0.25
°C
Remote Sensor Source Current
The range of source currents provided to the external
thermal transistor for temperature measurements.
10 to
360
mA
Conversion Time
From stop bit to conversion complete, one-shot mode
with averaging switched on.
One-shot mode with averaging off.
184
20
ms
Maximum Series Resistance Cancelled
Resistance split evenly on both the D+ and D– inputs.
50
W
Open−Drain Digital Outputs (THERM, ALERT/THERM2, SDA)
Output Low Voltage, VOL
IOUT = −6.0 mA
0.2
V
High Level Output Leakage Current,
IOH
VOUT = VDD
0.1
1.0
mA
SMBus Interface (Note 3)
Logic Input High Voltage, VIH
SCL, SDA
3.0 V ≤ VDD ≤ 3.6 V
2.1
V
Logic Input Low Voltage, VIL
SCL, SDA
3.0 V ≤ VDD ≤ 3.6 V
0.8
V
Hysteresis
500
mV
SDA Output Low Voltage, VOL
IOUT = −6.0 mA
0.4
V
Logic Input Current, IIH, IIL
−1.0
+1.0
mA
SMBus Input Capacitance,
SCLK, SDATA
10
pF
SMBus Clock Frequency
400
kHz
SMBus Timeout (Note 4)
User programmable
25
300
ms
SCLK Falling Edge to SDATA Valid
Time
Master clocking in data
1.0
ms
1. See Table 4 for information on other conversion rates.
2. Guaranteed by characterization, but not production tested.
3. See SMBus Timing Specifications section for more information.
4. Disabled by default. Detailed procedures to enable it are in the Serial Bus Interface section of this datasheet.


Similar Part No. - ADT7421ARMZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7420 AD-ADT7420 Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420 AD-ADT7420 Datasheet
935Kb / 16P
   Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. 0
ADT7420UCPZ AD-ADT7420UCPZ Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420UCPZ-R2 AD-ADT7420UCPZ-R2 Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420UCPZ-R2 AD-ADT7420UCPZ-R2 Datasheet
419Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
More results

Similar Description - ADT7421ARMZ-RL7

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
Maxim Integrated Produc...
MAX6694 MAXIM-MAX6694 Datasheet
198Kb / 18P
   5-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 4/08
MAX6693 MAXIM-MAX6693 Datasheet
172Kb / 19P
   7-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 5/08
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1412 SMSC-EMC1412 Datasheet
789Kb / 47P
   Multiple Channel 1 Temperature Sensor with Beta Compensation
logo
National Semiconductor ...
LM95245 NSC-LM95245_08 Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com