![]() |
Electronic Components Datasheet Search |
|
BFC237011125 Datasheet(PDF) 16 Page - Vishay Siliconix |
|
BFC237011125 Datasheet(HTML) 16 Page - Vishay Siliconix |
16 / 18 page ![]() MKT 370 Vishay BCcomponents DC Film Capacitors MKT Radial Potted Type www.vishay.com For technical questions, contact: dc-film@vishay.com Document Number: 28108 92 Revision: 04-Aug-09 4.9 Shock Mounting: See section “Mounting” of this specification Pulse shape: Half sine Acceleration: 490 m/s² Duration of pulse: 11 ms 4.9.3 Final measurements Visual examination No visible damage Capacitance |ΔC/C| ≤ 3 % of the value measured in 4.6.1 Tangent of loss angle Increase of tan δ ≤ 0.010 for: C ≤ 220 nF or ≤ 0.015 for: 220 nF < C ≤ 470 nF and ≤ 0.003 for: C > 470 nF Compared to values measured in 4.6.1 Insulation resistance As specified in section “Specific Reference Data 370” of this specification SUB-GROUP C1 COMBINED SAMPLE OF SPECIMENS OF SUB-GROUPS C1A AND C1B 4.10 Climatic sequence 4.10.2 Dry heat Temperature: + 100 °C for rated voltage 63 V + 105 °C for rated voltage > 63 V Duration: 16 h 4.10.3 Damp heat cyclic Test Db, first cycle 4.10.4 Cold Temperature: - 55 °C Duration: 2 h 4.10.6 Damp heat cyclic Test Db, remaining cycles Voltage proof = URdc for 1 min within 15 min after removal from testchamber No breakdown of flash-over 4.10.6.2Final measurements Visual examination No visible damage Legible marking Capacitance |ΔC/C| ≤ 5 % of the value measured in 4.4.2 or 4.9.3 Tangent of loss angle Increase of tan δ ≤ 0.010 for: C ≤ 220 nF or ≤ 0.015 for: 220 nF < C ≤ 470 nF and ≤ 0.005 for: C > 470 nF Compared to values measured in 4.3.1 or 4.6.1 Insulation resistance ≥ 50 % of values specified in section “Specific Reference Data 370” of this specification SUB-GROUP C2 4.11 Damp heat steady state 56 days, 40 °C, 90 % to 95 % RH 4.11.1 Initial measurements Capacitance Tangent of loss angle at 1 kHz SUB-CLAUSE NUMBER AND TEST CONDITIONS PERFORMANCE REQUIREMENTS |
|