Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP3208D Datasheet(PDF) 14 Page - ON Semiconductor

Part No. ADP3208D
Description  7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

ADP3208D Datasheet(HTML) 14 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
ADP3208D
http://onsemi.com
14
TYPICAL PERFORMANCE CHARACTERISTICS
VVID = 1.5 V, TA = 20°C to 100°C, unless otherwise noted.
Figure 22. DPRSLP Transition
Figure 23. DPRSLP Transition
Figure 24. DPRSLP Transition
Figure 25. DPRSLP Transition
OUTPUT VOLTAGE
= HIGH
LOAD = 2 A
DPRSLP
SWITCH NODE 2
OUTPUT VOLTAGE
SWITCH NODE 1
PSI
= HIGH
LOAD = 2 A
PSI
DPRSLP
SWITCH NODE 2
SWITCH NODE 1
OUTPUT VOLTAGE
= LOW
LOAD = 2 A
DPRSLP
SWITCH NODE 2
OUTPUT VOLTAGE
SWITCH NODE 1
PSI
= LOW
LOAD = 2 A
PSI
DPRSLP
SWITCH NODE 2
SWITCH NODE 1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn