Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP3207C Datasheet(PDF) 27 Page - ON Semiconductor

Part No. ADP3207C
Description  7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3207C Datasheet(HTML) 27 Page - ON Semiconductor

Back Button ADP3207C Datasheet HTML 23Page - ON Semiconductor ADP3207C Datasheet HTML 24Page - ON Semiconductor ADP3207C Datasheet HTML 25Page - ON Semiconductor ADP3207C Datasheet HTML 26Page - ON Semiconductor ADP3207C Datasheet HTML 27Page - ON Semiconductor ADP3207C Datasheet HTML 28Page - ON Semiconductor ADP3207C Datasheet HTML 29Page - ON Semiconductor ADP3207C Datasheet HTML 30Page - ON Semiconductor ADP3207C Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ADP3207C
http://onsemi.com
27
ramp size that gives an optimal balance for good stability,
transient response, and thermal balance.
COMP Pin Ramp
There is a ramp signal on the COMP pin due to the droop
voltage and output voltage ramps. This ramp amplitude adds
to the internal ramp to produce the following overall ramp
signal at the PWM input:
VRT +
VR
1 *
2 (1*n D)
n fSW CX RO
(eq. 21)
For this example, the overall ramp signal is found to be 2.2 V.
Setting the Switching Frequency for RPM Mode Operation
of Phase.
During the RPM mode operation of Phase 1, the
ADP3207C runs in pseudo constant frequency, given that
the load current is high enough for continuous current mode.
While in discontinuous current mode, the switching
frequency is reduced with the load current in a linear
manner. When considering power conversion efficiency in
light load, lower switching frequency is usually preferred
for RPM mode. However, the VCore ripple specification in
the IMVP−6 sets the limitation for lowest switching
frequency. Therefore, depending on the inductor and output
capacitors, the switching frequency in RPM mode can be
equal, larger, or smaller than its counterpart in PWM mode.
A resistor from RPM to GND sets the pseudo constant
frequency as following:
RRPM +
2
RT
VVID ) 1.0 V
AR (1 * D) VVID
RR CR fSW
(eq. 22)
* 0.5 kW
Where:
AR is the internal ramp amplifier gain.
CR is the internal ramp capacitor value.
RR is an external resistor on the RAMPADJ pin to set the
internal ramp magnitude.
Because RR = 280 kW, the following resistance sets up
300 kHz switching frequency in RPM operation:
RRPM +
2
280 kW
1.150 V ) 1.0 V
0.5
(1 * 0.061)
1.150
462 kW
5pF
300 kHz
* 5 W + 202 kW
(eq. 23)
Output Current Monitor
The ADP3207C has output current monitor. The IMON pin
sources a current proportional to the total inductor current.
A resistor, RMON, from IMON to FBRTN sets the gain of the
output current monitor. A 0.1
mF is placed in parallel with
RMON to filter the inductor current ripple and high frequency
load transients. Since the IMON pin is connected directly to
the CPU, it is clamped to prevent it from going above 1.15 V.
The IMON pin current is equal to the RLIM times a fixed
gain of 10. RMON can be found using the following equation:
RMON +
1.15 V
RLIM
10
RO IFS
(eq. 24)
Where:
RMON is the current monitor resistor. RMON is connected
from IMON pin to FBRTN.
RLIM is the current limit resistor.
RO is the output load line resistance.
IFS is the output current when the voltage on IMON is at full
scale.
Current Limit Setpoint
To select the current limit setpoint, we need to find the
resistor value for RLIM. The current limit threshold for the
ADP3207C is set when the current in RLIM is equal to the
internal reference current of 20
mA. The current in RLIM is
equal to the inductor current times RO. RLIM can be found
using the following equation:
RLIM +
ILIM RO
20 mA
(eq. 25)
Where:
RLIM is the current limit resistor. RLIM is connected from the
ILIM pin to ground.
RO is the output load line resistance.
ILIM is the current limit set point. This is the peak inductor
current that will trip current limit.
In this example, if choosing 55 A for ILIM, RLIM is
5.775 k
W, which is close to a standard 1% resistance of
5.76 k
W.
The per phase current limit described earlier has its limit
determined by the following:
IPHLIM ^
VCOMP(MAX) * VR * VBIAS
AD RDS(MAX)
)
IR
2
(eq. 26)
For the ADP3207C, the maximum COMP voltage
(VCOMP(MAX)) is 3.3 V, the COMP pin bias voltage (VBIAS)
is 1.0 V, and the current balancing amplifier gain (AD) is 5.
Using a VR of 0.55 V, and a RDS(MAX) of 3.8 mW (low−side
on−resistance at 150
°C) results in a per phase limit of 85 A.
Although this number seems high, this current level can only
be reached with a absolute short at the output and the current
limit latchoff function shutting down the regulator before
overheating occurs.
This limit can be adjusted by changing the ramp voltage
VR. However, users should not set the per phase limit lower
than the average per phase current (ILIM/n).
There is also a per phase initial duty−cycle limit at
maximum input voltage:
DLIM + DMIN
VCOMP(MAX) * VBIAS
VR
(eq. 27)
For this example, the duty−cycle limit at maximum input
voltage is found to be 0.25 when D is 0.061.
Feedback Loop Compensation Design
Optimized compensation of the ADP3207C allows the best
possible response of the regulator’s output to a load change.
The basis for determining the optimum compensation is to
make the regulator and output decoupling appear as an output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn