Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP3207C Datasheet(PDF) 25 Page - ON Semiconductor

Part No. ADP3207C
Description  7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3207C Datasheet(HTML) 25 Page - ON Semiconductor

Back Button ADP3207C Datasheet HTML 21Page - ON Semiconductor ADP3207C Datasheet HTML 22Page - ON Semiconductor ADP3207C Datasheet HTML 23Page - ON Semiconductor ADP3207C Datasheet HTML 24Page - ON Semiconductor ADP3207C Datasheet HTML 25Page - ON Semiconductor ADP3207C Datasheet HTML 26Page - ON Semiconductor ADP3207C Datasheet HTML 27Page - ON Semiconductor ADP3207C Datasheet HTML 28Page - ON Semiconductor ADP3207C Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ADP3207C
http://onsemi.com
25
COUT Selection
The required output decoupling for processors and
platforms is typically recommended by Intel. The following
guidelines can also be used if both bulk and ceramic
capacitors are in the system:
Select the total amount of ceramic capacitance. This is
based on the number and type of capacitors to be used.
The best location for ceramics is inside the socket;
20 pieces of Size 0805 being the physical limit.
Additional capacitors can be placed along the outer
edge of the socket.
Select the number of ceramics and find the total ceramic
capacitance (CZ). Combined ceramic values of 200 mF to
300
mF are recommended and are usually made up of
multiple 10
mF or 22 mF capacitors.
Note that there is an upper limit imposed on the total
amount of bulk capacitance (CX) when considering the
VID OTF output voltage stepping (voltage step VV in
time tV with error of VERR), and also a lower limit based
on meeting the critical capacitance for load release at a
given maximum load step
DIO. For a step−off load
current, the current version of the IMVP−6 specification
allows a maximum VCore overshoot (VOSMAX) of
10 mV, plus 1.5% of the VID voltage. For example, if
the VID is 1.150 V, then the largest overshoot allowed
is 50 mV.
Cx(MIN) w
L
DIO
n
RO )
VOSMAX
DIO
VVVID
* Cz
(eq. 11)
CX(MAX) v
L
nK2RO 2
Vv
VVID
(eq. 12)
1 ) tv
VVID
Vv
nKRO
L
2
* 1 * Cz
where:
K + −1n
VERR
VV
(eq. 13)
To meet the conditions of these equations and transient
response, the ESR of the bulk capacitor bank (RX) should be
less than two times the droop resistance, RO. If the CX(MIN)
is larger than the CX(MAX), the system does not meet the VID
OTF and/or deeper sleep exit specification and can require a
smaller inductor or more phases (the switching frequency can
also have to be increased to keep the output ripple the same).
For example, if using 32 pieces of 10
mF 0805 MLC
capacitors (CZ = 320 mF), the fastest VID voltage change is
the exit of deeper sleep, and the VCore change is 220 mV in
22
ms with a setting error of 10 mV.
Where K = 3.1, solving for the bulk capacitance yields.
CX(MIN) w
360 nH @ 34.5 A
2 @ 2.1 mW )
50 mV
34.5 A @
1.150 V
* 320 mF
+ 0.8 mF
CX(MAX) v
360 nH
220 mV
2
3.12
(2.1 mW)2
1.150 V
1 )
22 ms
1.150 V
2
3.1
2.1 mW
220 mV
360 nH
2
* 1
* 320 mF + 2.3 mF
Using three 330
mF Panasonic SP capacitors with a typical
ESR of 6 m
W each, yields CX = 0.99 mF with an RX = 2.0 mW.
One last check should be made to ensure that the ESL of the
bulk capacitors (LX) is low enough to limit the high frequency
ringing during a load change. This is tested using:
LX v C320 mF (2.1 mW)2 2 + 2nH
(eq. 14)
LX v C2 RO 2 Q2
Where:
Q is limited to the
√2 to ensure a critically damped system.
In this example, LX is about 330 pH for the three SP
capacitors, which satisfies this limitation. If the LX of the
chosen bulk capacitor bank is too large, the number of ceramic
capacitors may need to be increased if there is excessive
ringing.
Note that for this multi−mode control technique, an
all−ceramic capacitor design can be used as long as the
conditions of Equations 11, 12, and 13 are satisfied.
Power MOSFETs
For normal 20 A per phase application, the N−channel
power MOSFETs are selected for two high−side switches
and two low−side switches per phase. The main selection
parameters for the power MOSFETs are VGS(TH), QG, CISS,
CRSS, and RDS(ON). Because the gate drive voltage (the
supply voltage to the ADP3611) is 5.0 V, logic−level
threshold MOSFETs must be used.
The maximum output current IO determines the RDS(on)
requirement for the low−side (synchronous) MOSFETs. In
the ADP3207C, currents are balanced between phases; the
current in each low−side MOSFET is the output current
divided by the total number of MOSFETs (nSF). With
conduction losses being dominant, Equation 15 shows the
total power dissipated in each synchronous MOSFET in
terms of the ripple current per phase (IR) and average total
output current (IO):
PSF + (1 * D)
IO
nSF
) 1
12
n
IR
nSF
2
RDS(SF)
(eq. 15)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn