Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP3207C Datasheet(PDF) 19 Page - ON Semiconductor

Part No. ADP3207C
Description  7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3207C Datasheet(HTML) 19 Page - ON Semiconductor

Back Button ADP3207C Datasheet HTML 15Page - ON Semiconductor ADP3207C Datasheet HTML 16Page - ON Semiconductor ADP3207C Datasheet HTML 17Page - ON Semiconductor ADP3207C Datasheet HTML 18Page - ON Semiconductor ADP3207C Datasheet HTML 19Page - ON Semiconductor ADP3207C Datasheet HTML 20Page - ON Semiconductor ADP3207C Datasheet HTML 21Page - ON Semiconductor ADP3207C Datasheet HTML 22Page - ON Semiconductor ADP3207C Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
ADP3207C
http://onsemi.com
19
Current Monitor Output
The ADP3207C has an output current monitor. The IMON
pin sources a current proportional to the inductor current. A
resistor from IMON pin to FBRTN sets the gain. A 0.1 mF is
added in parallel with RMON to filter the inductor ripple. The
IMON pin is clamped to prevent it from going above 1.15 V
Table 3. VID Code Table
VID6
VID5
VID4
VID3
VID2
VID1
VID0
Output (V)
0
0
0
0
0
0
0
1.5000
0
0
0
0
0
0
1
1.4875
0
0
0
0
0
1
0
1.4750
0
0
0
0
0
1
1
1.4625
0
0
0
0
1
0
0
1.4500
0
0
0
0
1
0
1
1.4375
0
0
0
0
1
1
0
1.4250
0
0
0
0
1
1
1
1.4125
0
0
0
1
0
0
0
1.4000
0
0
0
1
0
0
1
1.3875
0
0
0
1
0
1
0
1.3750
0
0
0
1
0
1
1
1.3625
0
0
0
1
1
0
0
1.3500
0
0
0
1
1
0
1
1.3375
0
0
0
1
1
1
0
1.3250
0
0
0
1
1
1
1
1.3125
0
0
1
0
0
0
0
1.3000
0
0
1
0
0
0
1
1.2875
0
0
1
0
0
1
0
1.2750
0
0
1
0
0
1
1
1.2625
0
0
1
0
1
0
0
1.2500
0
0
1
0
1
0
1
1.2375
0
0
1
0
1
1
0
1.2250
0
0
1
0
1
1
1
1.2125
0
0
1
1
0
0
0
1.2000
0
0
1
1
0
0
1
1.1875
0
0
1
1
0
1
0
1.1750
0
0
1
1
0
1
1
1.1625
0
0
1
1
1
0
0
1.1500
0
0
1
1
1
0
1
1.1375
0
0
1
1
1
1
0
1.1250
0
0
1
1
1
1
1
1.1125
0
1
0
0
0
0
0
1.1000
0
1
0
0
0
0
1
1.0875
0
1
0
0
0
1
0
1.0750
0
1
0
0
0
1
1
1.0625
0
1
0
0
1
0
0
1.0500
0
1
0
0
1
0
1
1.0375
0
1
0
0
1
1
0
1.0250
0
1
0
0
1
1
1
1.0125
0
1
0
1
0
0
0
1.0000
0
1
0
1
0
0
1
0.9875
0
1
0
1
0
1
0
0.9750
0
1
0
1
0
1
1
0.9625


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn