Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP3207C Datasheet(PDF) 13 Page - ON Semiconductor

Part No. ADP3207C
Description  7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3207C Datasheet(HTML) 13 Page - ON Semiconductor

Back Button ADP3207C Datasheet HTML 9Page - ON Semiconductor ADP3207C Datasheet HTML 10Page - ON Semiconductor ADP3207C Datasheet HTML 11Page - ON Semiconductor ADP3207C Datasheet HTML 12Page - ON Semiconductor ADP3207C Datasheet HTML 13Page - ON Semiconductor ADP3207C Datasheet HTML 14Page - ON Semiconductor ADP3207C Datasheet HTML 15Page - ON Semiconductor ADP3207C Datasheet HTML 16Page - ON Semiconductor ADP3207C Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ADP3207C
http://onsemi.com
13
0
50
100
150
200
250
300
510
15
20
0
5
10
15
20
25
30
Figure 22. Switching Frequency and Output Ripple in RPM
Figure 23. Switching Frequency and Output Ripple in RPM
INPUT VOLTAGE (V)
Switching Frequency
10 A Load (CCM)
Output Ripple
24 A Load (DCM)
Output Ripple
10 A Load (DCM)
Switching Frequency
2 A Load (DCM)
0
50
100
150
200
250
300
350
0
0.25
0.5
0.75
1
1.25
1.5
0
5
10
15
20
25
30
35
OUTPUT VOLTAGE (V)
Switching Frequency
Output = 1.0 V
PSI = High
DRPSLP = Low
Input = 12 V
10 A Load
DRPSLP = Low
Output Ripple
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 24. Switching Frequency in RPM
Figure 25. Switching Frequency in PWM
0
50
100
150
200
250
300
0
2
4
6
8
1012
1416
LOAD CURRENT (A)
Input = 12 V
Output = 1.0 V
DRPSLP = Low
RPM = 71.5 W
RT = 110 kW
RAMP = 499 kW
0
50
100
150
200
250
300
350
400
450
500
0
0.25
0.5
0.75
1
1.25
1.5
0
1
2
3
4
5
6
7
8
9
10
OUTPUT VOLTAGE (V)
Switching Frequency
Output Ripple
Input = 12 V
PSI = High
DRPSLP = High
3−Phase


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn