Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP3207C Datasheet(PDF) 12 Page - ON Semiconductor

Part No. ADP3207C
Description  7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3207C Datasheet(HTML) 12 Page - ON Semiconductor

Back Button ADP3207C Datasheet HTML 8Page - ON Semiconductor ADP3207C Datasheet HTML 9Page - ON Semiconductor ADP3207C Datasheet HTML 10Page - ON Semiconductor ADP3207C Datasheet HTML 11Page - ON Semiconductor ADP3207C Datasheet HTML 12Page - ON Semiconductor ADP3207C Datasheet HTML 13Page - ON Semiconductor ADP3207C Datasheet HTML 14Page - ON Semiconductor ADP3207C Datasheet HTML 15Page - ON Semiconductor ADP3207C Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADP3207C
http://onsemi.com
12
SW1
SW3
SW2
OUTPUT VOLTAGE
DPRSLP
Input = 12 V
Output = 1.0 V
1 A Load
= Low
Figure 18. DPRSLP Transition
SW1
SW3
SW2
OUTPUT VOLTAGE
DPRSLP
SW1
SW3
OUTPUT VOLTAGE
DPRSLP
Input = 12 V
Output = 1.0 V
1 A Load
SW1
SW3
SW2
OUTPUT VOLTAGE
DPRSLP
Figure 19. DPRSLP Transition
Figure 20. DPRSLP Transition
Figure 21. DPRSLP Transition
SW2
PSI
= High
PSI
Input = 12 V
Output = 1.0 V
1 A Load
= Low
PSI
Input = 12 V
Output = 1.0 V
1 A Load
= High
PSI
TYPICAL PERFORMANCE CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn