Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3207C Datasheet(PDF) 8 Page - ON Semiconductor

Part # ADP3207C
Description  7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3207C Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADP3207C Datasheet HTML 4Page - ON Semiconductor ADP3207C Datasheet HTML 5Page - ON Semiconductor ADP3207C Datasheet HTML 6Page - ON Semiconductor ADP3207C Datasheet HTML 7Page - ON Semiconductor ADP3207C Datasheet HTML 8Page - ON Semiconductor ADP3207C Datasheet HTML 9Page - ON Semiconductor ADP3207C Datasheet HTML 10Page - ON Semiconductor ADP3207C Datasheet HTML 11Page - ON Semiconductor ADP3207C Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADP3207C
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS VCC = 5.0 V, FBRTN = GND, EN = VCC, VVID = 0.50 V to 1.5000 V, PSI = 1.05 V,
DPRSLP = GND, DPRSTP= 1.05 V, LLSET = CSREF, TA = −10°C to 100°C, unless otherwise noted (Note 1). RREF = 80 kW.
Current entering a pin (sunk by the device) has a positive sign.
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
DPRSLP
Input Voltage
Refers to driving signal level
Logic low, Isink w 1 mA
Logic high, Isource v −5 mA
2.3
0.4
V
Input Current
DPRSLP = low
DPRSLP = high
−1.0
+2.0
mA
DPRSTP
Input Voltage (Note 2)
Refers to driving signal level
Logic low, Isink w 1 mA
Logic high, Isource v −5 mA
0.7
0.3
V
Input Current (Note 2)
1.0
mA
EN INPUT
Input Voltage
Refers to driving signal level
Logic low, Isink w 1 mA
Logic high, Isource v −5 mA
2.3
0.3
V
Input Current
EN = L or EN = H (Static)
0.8 V < EN < 1.6 V (During Transition)
10
70
nA
mA
CLKEN OUTPUT
Output Low Voltage
Logic low, Isink = 4 mA
30
200
mV
Output High, Leakage
Current
Logic high, VCLKEN = VCC
1.0
mA
THERMAL MONITORING AND PROTECTION
TTSNS Voltage Range
(Note 2)
0
5.0
V
TTSNS Threshold
VCC = 5.0 V, TTSNS is falling
2.45
2.5
2.55
V
TTSNS Bias Current
TTSNS = 2.6 V
−2.0
2.0
mA
VRTT Output Voltage
VVRTT
Logic low, IVRTT(SINK) = 400 mA
Logic high, IVRTT(SOURCE) = −400 mA
4.0
10
5.0
50
mV
V
TTSNS Hysteresis
50
100
mV
PWM, OD, AND DCM OUTPUT
Output Low Voltage
Logic Low, ISINK = 400 mA
Logic High, ISOURCE = −400 mA
4.0
10
5.0
200
mV
V
SUPPLY
Supply Voltage Range
VCC
4.5
5.5
V
Supply Current
EN = H
EN = 0 V
6.0
20
10
100
mA
mA
VCC OK Threshold
VCCOK
VCC is Rising
4.4
4.5
V
VCC UVLO Threshold
VCCUVLO
VCC is Falling
4.0
4.15
V
VCC Hysteresis (Note 2)
150
mV
1. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC).
2. Guaranteed by design or bench characterization, not production tested.


Similar Part No. - ADP3207C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207AJCPZ-RL ONSEMI-ADP3207AJCPZ-RL Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207D ONSEMI-ADP3207D Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
More results

Similar Description - ADP3207C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3208C ONSEMI-ADP3208C Datasheet
1Mb / 41P
   7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
May 2008??Rev. 1
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3210 ONSEMI-ADP3210 Datasheet
822Kb / 38P
   7-Bit Programmable Multiphase Mobile CPU Synchronous
Rev. 0.3
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com