Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD24DR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD24DR
Description  Extended Common-Mode RS-485 Transceivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD24DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD24DR Datasheet HTML 2Page - Texas Instruments SN65HVD24DR Datasheet HTML 3Page - Texas Instruments SN65HVD24DR Datasheet HTML 4Page - Texas Instruments SN65HVD24DR Datasheet HTML 5Page - Texas Instruments SN65HVD24DR Datasheet HTML 6Page - Texas Instruments SN65HVD24DR Datasheet HTML 7Page - Texas Instruments SN65HVD24DR Datasheet HTML 8Page - Texas Instruments SN65HVD24DR Datasheet HTML 9Page - Texas Instruments SN65HVD24DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SN65HVD20, SN65HVD21
SN65HVD22, SN65HVD23, SN65HVD24
SLLS552E – DECEMBER 2002 – REVISED MAY 2010
www.ti.com
RECEIVER SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high level output
HVD20, HVD23
16
35
ns
See Figure 11
HVD21, HVD22,
tPHL
Propagation delay time high-to low level output
25
50
HVD24
tr
Receiver output rise time
See Figure 11
2
4
ns
tf
Receiver output fall time
tPZH
Receiver output enable time to high level
90
120
ns
See Figure 12
tPHZ
Receiver output disable time from high level
16
35
tPZL
Receiver output enable time to low level
90
120
ns
See Figure 13
tPLZ
Receiver output disable time from low level
16
35
tr(standby)
Time from an active receiver output to standby
2
µs
See Figure 14, DE at 0 V
tr(wake)
Wake-up time from standby to an active receiver output
8
tsk(p)
Pulse skew |tPLH – tPHL|
5
tp(set)
Delay time, bus fail to failsafe set
250
350
µs
See Figure 15, pulse rate = 1 kHz
tp(reset)
Delay time, bus recovery to failsafe reset
50
ns
RECEIVER EQUALIZATION CHARACTERISTICS
(1)
over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
0 m
HVD23
2
ns
HVD20
6
100 m
ns
HVD23
3
25 Mbps
HVD20
15
150 m
ns
HVD23
4
HVD20
27
200 m
ns
HVD23
8
HVD20
22
200 m
ns
HVD23
8
Peudo-random NRZ code with a bit
HVD20
34
10 Mbps
250 m
ns
Peak-to-peak
pattern length of 216 – 1, Beldon
tj(pp)
HVD23
15
eye-pattern jitter
3105A cable,
HVD20
49
See Figure 27
300 m
ns
HVD23
27
HVD21
128
5 Mbps
500 m
ns
HVD24
18
HVD20
93
HVD21
103
3 Mbps
500 m
ns
HVD23
90
HVD24
16
HVD21
216
1 Mbps
1000 m
ns
HVD24
62
(1)
The HVD20 and HVD21 do not have receiver equalization, but are specified for comparison.
(2)
All typical values are at VCC = 5 V, and temperature = 25°C.
6
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD20 SN65HVD21 SN65HVD22 SN65HVD23 SN65HVD24


Similar Part No. - SN65HVD24DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD24DR TI-SN65HVD24DR Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD24DR TI-SN65HVD24DR Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD24DRG4 TI-SN65HVD24DRG4 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD24DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20_07 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
   For extended common-mode RS-485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com