Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD23D Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD23D
Description  Extended Common-Mode RS-485 Transceivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD23D Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD23D Datasheet HTML 6Page - Texas Instruments SN65HVD23D Datasheet HTML 7Page - Texas Instruments SN65HVD23D Datasheet HTML 8Page - Texas Instruments SN65HVD23D Datasheet HTML 9Page - Texas Instruments SN65HVD23D Datasheet HTML 10Page - Texas Instruments SN65HVD23D Datasheet HTML 11Page - Texas Instruments SN65HVD23D Datasheet HTML 12Page - Texas Instruments SN65HVD23D Datasheet HTML 13Page - Texas Instruments SN65HVD23D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
VOD(PP)
VOD(RING)
VOD(RING)
VOD(SS)
0 V Differential
VOD(SS)
50
CL =50pF
Signal
Generator
DE
D
0Vor3V
3 V if Testing A Output
0 V if Testing B Output
A
B
RL = 110 Ω
Output
S1
tPZH
tPHZ
0.5V
DE
Output
1.5V
1.5V
2.5V
3V
0V
VOH
VOff 0
50
CL =50pF
Signal
Generator
DE
D
0Vor3V
0 V if Testing A Output
3 V if Testing B Output
RL = 110 Ω
Output
S1
tPZL
tPLZ
0.5V
DE
Output
1.5V
1.5V
2.5V
3V
0V
5V
VOL
5V
SN65HVD20, SN65HVD21
SN65HVD22, SN65HVD23, SN65HVD24
SLLS552E – DECEMBER 2002 – REVISED MAY 2010
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
NOTE: VOD(RING) is measured at four points on the output waveform, corresponding to overshoot and undershoot from the
VOD(H) and VOD(L) steady state values.
Figure 5. VOD(RING) Waveform and Definitions
Figure 6. Driver Enable/Disable Test, High Output
Figure 7. Driver Enable/Disable Test, Low Output
10
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD20 SN65HVD21 SN65HVD22 SN65HVD23 SN65HVD24


Similar Part No. - SN65HVD23D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD23D TI-SN65HVD23D Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD23D TI-SN65HVD23D Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD23D TI-SN65HVD23D Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD23DG4 TI-SN65HVD23DG4 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD23DR TI-SN65HVD23DR Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD23D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20_07 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
   For extended common-mode RS-485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com