Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD4E001 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPD4E001
Description  LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4E001 Datasheet(HTML) 1 Page - Texas Instruments

  TPD4E001_08 Datasheet HTML 1Page - Texas Instruments TPD4E001_08 Datasheet HTML 2Page - Texas Instruments TPD4E001_08 Datasheet HTML 3Page - Texas Instruments TPD4E001_08 Datasheet HTML 4Page - Texas Instruments TPD4E001_08 Datasheet HTML 5Page - Texas Instruments TPD4E001_08 Datasheet HTML 6Page - Texas Instruments TPD4E001_08 Datasheet HTML 7Page - Texas Instruments TPD4E001_08 Datasheet HTML 8Page - Texas Instruments TPD4E001_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
IO2
IO3
IO4
VCC
1
2
3
6
5
4
QFN PACKAGE
(TOP VIEW)
3
2
4
6
1
DRL PACKAGE
(TOP VIEW)
IO1
IO1
IO3
IO4
VCC
GND
IO2
GND
5
GND
TPD4E001
LOW-CAPACITANCE 4-CHANNEL ±15-kV ESD PROTECTION ARRAY
FOR HIGH-SPEED DATA INTERFACES
SLLS682C – JULY 2006 – REVISED APRIL 2007
www.ti.com
• USB 2.0
2
• ESD Protection Exceeds
• Ethernet
±15-kV Human-Body Model (HBM)
• FireWire™
±8-kV IEC 61000-4-2 Contact Discharge
• Video
±15-kV IEC 61000-4-2 Air-Gap Discharge
• Cell Phones
• Low 1.5-pF Input Capacitance
• SVGA Video Connections
• Low 1-nA (Max) Leakage Current
• Glucosemeters
• Low 1-nA Supply Current
• 0.9-V to 5.5-V Supply-Voltage Range
• Four-Channel Device
• Space-Saving DRL and QFN Package Options
• Alternate 2-, 3-, 6-Channel Options Available:
TPD2E001, TPD3E001, and TPD6E001
The TPD4E001 is a low-capacitance ±15-kV ESD-protection diode array designed to protect sensitive electronics
attached to communication lines. Each channel consists of a pair of diodes that steer ESD current pulses to VCC
or GND. The TPD4E001 protects against ESD pulses up to ±15-kV Human-Body Model (HBM), ±8-kV Contact
Discharge, and ±15-kV Air-Gap Discharge, as specified in IEC 61000-4-2. This device has a 1.5-pF capacitance
per channel, making it ideal for use in high-speed data IO interfaces.
The TPD4E001 is a quad-ESD structure designed for Ethernet and FireWire™ applications.
The TPD4E001 is available in DRL and thin QFN packages and is specified for –40
°C to 85°C operation.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
1.6
× 1.6 DRL
Reel of 4000
TPD4E001DRLR
2CR
–40
°C to 85°C
3
× 3 QFN
Reel of 1000
TPD4E001DRSR
ZWM
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
FireWire is a trademark of Apple Computer, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD4E001_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E001-Q1 TI1-TPD4E001-Q1 Datasheet
732Kb / 14P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
TPD4E001-Q1 TI1-TPD4E001-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001-Q1 TI1-TPD4E001-Q1 Datasheet
797Kb / 18P
[Old version datasheet]   4-Channel ESD Protection Array With 1.5-pF I/O Capacitance
TPD4E001-Q1 TI1-TPD4E001-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001-Q1 TI1-TPD4E001-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
More results

Similar Description - TPD4E001_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E001 TI-TPD4E001 Datasheet
200Kb / 10P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001_1 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI-TPD3E001 Datasheet
362Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E004 TI-TPD6E004 Datasheet
484Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI1-TPD3E001_14 Datasheet
787Kb / 18P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001_2 Datasheet
1Mb / 19P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001_12 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001 TI-TPD6E001_09 Datasheet
663Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com