Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16CP754CIPMR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL16CP754CIPMR
Description  QUAD UARTS WITH 64-BYTE FIFO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16CP754CIPMR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL16CP754CIPMR Datasheet HTML 2Page - Texas Instruments TL16CP754CIPMR Datasheet HTML 3Page - Texas Instruments TL16CP754CIPMR Datasheet HTML 4Page - Texas Instruments TL16CP754CIPMR Datasheet HTML 5Page - Texas Instruments TL16CP754CIPMR Datasheet HTML 6Page - Texas Instruments TL16CP754CIPMR Datasheet HTML 7Page - Texas Instruments TL16CP754CIPMR Datasheet HTML 8Page - Texas Instruments TL16CP754CIPMR Datasheet HTML 9Page - Texas Instruments TL16CP754CIPMR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Crystal
OSC
Buffer
Data Bus
Interface
A2 - A0
D7 - D0
CSA
CSB
IOR
IOW
INTA
INTB
TXRDY
RXRDY
RESET
XTAL1
XTAL2
BAUD
Rate
Gen
64 Byte Tx FIFO
64 Byte Rx FIFO
Tx
Rx
UART Channel A
BAUD
Rate
Gen
64 Byte Tx FIFO
64 Byte Rx FIFO
Tx
Rx
UART Channel B
CTSA
DTRA
DSRA, RIA, CDA
RTSA
CTSB
DTRB
DSRB, RIB, CDB
RTSB
VCC
GND
TXA
RXA
TXB
RXB
UART Regs
UART Regs
BAUD
Rate
Gen
64 Byte Tx FIFO
64 Byte Rx FIFO
Tx
Rx
UART Channel C
CTSC
DTRC
DSRC, RIC, CDC
RTSC
TXC
RXC
UART Regs
BAUD
Rate
Gen
64 Byte Tx FIFO
64 Byte Rx FIFO
Tx
Rx
UART Channel D
CTSD
DTRD
DSRD, RID, CDD
RTSD
TXD
RXD
UART Regs
INTC
INTD
CSC
CSD
TL16CP754C, TL16CM754C, TL16C754C
SLLS644E – DECEMBER 2007 – REVISED MAY 2010
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): TL16CP754C TL16CM754C TL16C754C


Similar Part No. - TL16CP754CIPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16CP554AIPM TI1-TL16CP554AIPM Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16CP554APM TI1-TL16CP554APM Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
More results

Similar Description - TL16CP754CIPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754B TI-TL16C754B Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
Exar Corporation
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V654 EXAR-XR16V654 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com