Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16CM754C Datasheet(PDF) 10 Page - Texas Instruments

Part # TL16CM754C
Description  QUAD UARTS WITH 64-BYTE FIFO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16CM754C Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL16CM754C Datasheet HTML 6Page - Texas Instruments TL16CM754C Datasheet HTML 7Page - Texas Instruments TL16CM754C Datasheet HTML 8Page - Texas Instruments TL16CM754C Datasheet HTML 9Page - Texas Instruments TL16CM754C Datasheet HTML 10Page - Texas Instruments TL16CM754C Datasheet HTML 11Page - Texas Instruments TL16CM754C Datasheet HTML 12Page - Texas Instruments TL16CM754C Datasheet HTML 13Page - Texas Instruments TL16CM754C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
TL16CP754C, TL16CM754C, TL16C754C
SLLS644E – DECEMBER 2007 – REVISED MAY 2010
www.ti.com
Table 1. Software Flow Control Options EFR[3:0]
BIT 3
BIT 2
BIT 1
BIT 0
Tx, Rx SOFTWARE FLOW CONTROLS
0
0
X
X
No transmit flow control
1
0
X
X
Transmit Xon1, Xoff1
0
1
X
X
Transmit Xon2, Xoff2
1
1
X
X
Transmit Xon1, Xon2: Xoff1, Xoff2
X
X
0
0
No receive flow control
X
X
1
0
Receiver compares Xon1, Xoff1 X X 0 1
X
X
0
1
Receiver compares Xon2, Xoff2
Transmit Xon1, Xoff1
1
0
1
1
Receiver compares Xon1 or Xon2, Xoff1 or Xoff2
Transmit Xon2, Xoff2
0
1
1
1
Receiver compares Xon1 or Xon2, Xoff1 or Xoff2
Transmit Xon1, Xon2: Xoff1, Xoff2
1
1
1
1
Receiver compares Xon1 and Xon2: Xoff1 and Xoff2
No transmit flow control
0
0
1
1
Receiver compares Xon1 and Xon2: Xoff1 and Xoff2
When software flow control operation is enabled, the '754C compares incoming data with Xoff1/2 programmed
characters (in certain cases Xoff1 and Xoff2 must be received sequentially(1)). When an Xoff character is
received, transmission is halted after completing transmission of the current character. Xoff character detection
also sets IIR[4] and causes INT to go high (if enabled via IER[5]).
To resume transmission an Xon1/2 character must be received (in certain cases Xon1 and Xon2 must be
received sequentially). When the correct Xon characters are received IIR[4] is cleared and the Xoff interrupt
disappears.
NOTE
If a parity, framing or break error occurs while receiving a software flow control character,
this character is treated as normal data and is written to the RCV FIFO.
Xoff1/2 characters are transmitted when the RX FIFO has passed the programmed trigger level TCR[3:0].
Xon1/2 characters are transmitted when the RX FIFO reaches the trigger level programmed via TCR[7:4].
NOTE
If, after an Xoff character has been sent, software flow control is disabled, the UART
transmits Xon characters automatically to enable normal transmission to proceed. A
feature of the '754C UART design is that if the software flow combination (EFR[3:0])
changes after an Xoff has been sent, the originally programmed Xon is automatically sent.
If the RX FIFO is still above the trigger level the newly programmed Xoff1/2 is transmitted.
The transmission of Xoff/Xon(s) follows the exact same protocol as transmission of an ordinary byte from the
FIFO. This means that even if the word length is set to be 5, 6, or 7 characters, then the 5, 6, or 7 least
significant bits of Xoff1,2/Xon1,2 are transmitted. The transmission of 5, 6, or 7 bits of a character is seldom
done, but this functionality is included to maintain compatibility with earlier designs.
It is assumed that software flow control and hardware flow control are never enabled simultaneously. Figure 4
shows a software flow control example.
(1)
When pairs of Xon/Xoff characters are programmed to occur sequentially, received Xon1/Xoff1 characters will be written to the Rx FIFO
if the subsequent character is not Xon2/Xoff2.
10
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): TL16CP754C TL16CM754C TL16C754C


Similar Part No. - TL16CM754C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
1Mb / 47P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI1-TL16C2550 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550IPFB TI-TL16C2550IPFB Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
More results

Similar Description - TL16CM754C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754B TI-TL16C754B Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
Exar Corporation
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V654 EXAR-XR16V654 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com