Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC14014B Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MC14014B
Description  8-Bit Static Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC14014B Datasheet(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
MC14014B MC14021B
54
Figure 3. Power Dissipation Test Circuit and Waveform
PULSE
GENERATOR 1
VDD
P/S
C
P6
P7
P8
DS
Q8
Q7
Q6
PULSE
GENERATOR 2
500
µF
ID
0.01
µF
CERAMIC
CL
CL
CL
VSS
P5
P4
P3
P2
P1
CLOCK
DATA
50%
1
f
Figure 4. Switching Time Test Circuit and Waveforms
PULSE
GENERATOR 1
PULSE
GENERATOR 2
VDD
1
2
2
2
1
1
VDD
VSS
SW 1
SW 2
CL
Q8
Q7
Q6
P/S
C
P6
P7
P8
DS
P5
P4
P3
P2
P1
VDD
VSS
VDD
VSS
VOH
VOL
20 ns
20 ns
PARALLEL OR
SERIAL DATA
INPUT
CLOCK OR P/S
INPUT
Q
OUTPUT
90%
50%
10%
tsu
tWH
tTHL
90%
50%
10%
tWH
tWL
tPLH
tPHL
90%
50%
10%
tTLH
tTHL
tWL = tWH = 50% DUTY CYCLE
SWITCH POSITION 1 = PARALLEL IN
SWITCH POSITION 2 = SERIAL IN


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC14014B8-Bit Static Shift Register 1 2 3 4 5 MoreON Semiconductor
BU4021B8-bit static shift register 1 2 3 4 5 Rohm
HD14014B8-bit Static Shift Register 1 2 3 4 5 Hitachi Semiconductor
HD14021B8-bit Static Shift Register 1 2 3 4 5 Hitachi Semiconductor
HEF4014B8-bit static shift register 1 2 3 4 5 MoreNXP Semiconductors
HEF4021B8-bit static shift register 1 2 3 4 5 MoreNXP Semiconductors
74F1998-bit parallel-access shift register 1 2 3 4 5 MoreNXP Semiconductors
74HC1668-bit parallel-in/serial-out shift register 1 2 3 4 5 MoreNXP Semiconductors
74VHC5958-Bit Shift Register with Output Latches 1 2 3 4 5 MoreFairchild Semiconductor
DM93L28Dual 8-Bit Shift Register 1 2 3 4 5 Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn